データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT50A データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC74VHCT50A
部品情報  Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT50A データシート(HTML) 1 Page - ON Semiconductor

  MC74VHCT50A Datasheet HTML 1Page - ON Semiconductor MC74VHCT50A Datasheet HTML 2Page - ON Semiconductor MC74VHCT50A Datasheet HTML 3Page - ON Semiconductor MC74VHCT50A Datasheet HTML 4Page - ON Semiconductor MC74VHCT50A Datasheet HTML 5Page - ON Semiconductor MC74VHCT50A Datasheet HTML 6Page - ON Semiconductor MC74VHCT50A Datasheet HTML 7Page - ON Semiconductor MC74VHCT50A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
July, 2001– Rev. 3
1
Publication Order Number:
MC74VHCT50A/D
MC74VHCT50A
Noninverting Buffer /
CMOS Logic Level Shifter
with LSTTL–Compatible Inputs
The MC74VHCT50A is a hex noninverting buffer fabricated with
silicon gate CMOS technology. It achieves high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining CMOS
low power dissipation.
The internal circuit is composed of three stages, including a buffered
output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and
the output has a full 5 V CMOS level output swing. The input
protection circuitry on this device allows overvoltage tolerance on the
input, allowing the device to be used as a logic–level translator from
3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic
to 3.0 V CMOS Logic while operating at the high–voltage power
supply.
The MC74VHCT50A input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHCT50A to be used to interface 5 V circuits to 3 V
circuits. The output structures also provide protection when
VCC = 0 V. These input and output structures help prevent device
destruction caused by supply voltage – input/output voltage mismatch,
battery backup, hot insertion, etc.
High Speed: t
PD = 3.5 ns (Typ) at VCC = 5 V
Low Power Dissipation: I
CC = 2 µA (Max) at TA = 25°C
TTL–Compatible Inputs: V
IL = 0.8 V; VIH = 2.0 V
CMOS–Compatible Outputs: V
OH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
LOGIC DIAGRAM
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
A1
Y1
1
A2
Y2
1
A3
Y3
1
A4
Y4
1
A5
Y5
1
A6
Y6
1
LOGIC SYMBOL
14–LEAD SOIC
D SUFFIX
CASE 751A
http://onsemi.com
14–LEAD TSSOP
DT SUFFIX
CASE 948G
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
Device
Package
Shipping
ORDERING INFORMATION
MC74VHCT50AD
SOIC
55 Units/Rail
MC74VHCT50ADT
TSSOP
96 Units/Rail
13
14
12
11
10
9
8
2
1
34567
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
GND
14–LEAD SOIC EIAJ
M SUFFIX
CASE 965
MC74VHCT50AM
SOIC EIAJ
50 Units/Rail
FUNCTION TABLE
L
H
A Input
Y Output
L
H
For detailed package marking information, see the Marking
Diagram section on page 4 of this data sheet.


同様の部品番号 - MC74VHCT50A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHCT50AD ONSEMI-MC74VHCT50AD Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHCT50ADG ONSEMI-MC74VHCT50ADG Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHCT50ADG ONSEMI-MC74VHCT50ADG Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
More results

同様の説明 - MC74VHCT50A

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
MC74VHC1GT50 LRC-MC74VHC1GT50 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125 ONSEMI-MC74VHC1GT125 Datasheet
105Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
December, 2003 ??Rev. 8
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_09 Datasheet
134Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL.Compatible Inputs
May, 2012 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com