データシートサーチシステム |
|
TL082IPWRG4 データシート(PDF) 9 Page - Texas Instruments |
|
TL082IPWRG4 データシート(HTML) 9 Page - Texas Instruments |
9 / 50 page 10 M 1 M 100 k 10 k 1 k 100 f − Frequency − Hz 0 ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 See Figure 2 TA = 25°C RL = 2 k VCC± = ±10 V VCC± = ±5 V VCC± = ±15 V RL = 10 k TA = 25°C See Figure 2 ±15 ±12.5 ±10 ±7.5 ±5 ±2.5 0 f − Frequency − Hz 100 1 k 10 k 100 k 1 M 10 M VCC± = ±5 V VCC± = ±10 V VCC± = ±15 V TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B www.ti.com SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 6.9 Typical Characteristics Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. The Figure numbers referenced in the following graphs are located in Parameter Measurement Information. Table 1. Table of Graphs Figure versus Frequency Figure 1, Figure 2, Figure 3 versus Free-air temperature Figure 4 VOM Maximum peak output voltage versus Load resistance Figure 5 versus Supply voltage Figure 6 Large-signal differential voltage versus Free-air temperature Figure 7 amplification versus Load resistance Figure 8 AVD versus Frequency with feed-forward Differential voltage amplification Figure 9 compensation PD Total power dissipation versus Free-air temperature Figure 10 versus Free-air temperature Figure 11 ICC Supply current versus Supply voltage Figure 12 IIB Input bias current versus Free-air temperature Figure 13 Large-signal pulse response versus Time Figure 14 VO Output voltage versus Elapsed time Figure 15 CMRR Common-mode rejection ratio versus Free-air temperature Figure 16 Vn Equivalent input noise voltage versus Frequency Figure 17 THD Total harmonic distortion versus Frequency Figure 18 Figure 1. Maximum Peak Output Voltage Figure 2. Maximum Peak Output Voltage vs vs Frequency Frequency Copyright © 1977–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |
同様の部品番号 - TL082IPWRG4 |
|
同様の説明 - TL082IPWRG4 |