データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U038-003 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 U038-003
部品情報  USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U038-003 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U038-003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U038-003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB
Type-C (USB-C) Male, 3-ft.
MODEL NUMBER: U038-003
Description
Tripp Lite's U038-003 3-ft. USB 2.0 A to USB Type-C (USB-C) device cable connects devices with a USB Type-C
connector to a USB Charger, or the USB port on your laptop, ultrabook or computer. The USB Type-C connector
is reversible, so there is no guessing on which way to plug it in...it connects in either direction! For faster
charging, it supports up to 1.5A of current. Backward compatible - can be used with older USB1.1 applications as
well. All Tripp Lite USB 2.0 cabling include superior foil shielding for reliable, error-free data communications.
Features nickel plated connectors and gold plated copper contacts for superior conductivity. The cable is
manufactured with molded connectors and integral strain relief for extra durability and long life.
Features
3-ft. USB 2.0 A to USB Type-C (USB-C) device cable
Connect devices with a USB Type-C connector to a USB Charger, or the USB port on your laptop, ultrabook,
or computer
USB Type-C connector is reversible, so there is no guessing on which way to plug it in.....it connects in either
direction!
Supports up to 1.5A for faster charging
Supports USB 2.0 data transfer rates up to 480Mbps
Backward compatible with previous USB generations
Gold plated contacts and molded ends provide a lifetime of use
30AWG Data Pair / 24AWG Power pair
Specifications
OVERVIEW
Cable Type
USB
Highlights
3-ft. USB 2.0 A to USB Type-C
(USB-C) device cable
USB Type-C connector is
reversible, so there is no
guessing on which way to plug it
in
Supports up to 1.5A for faster
charging
System Requirements
A device with a USB Type-C
(USB-C) connector
A USB charger, or a laptop,
ultrabook or computer with an
available USB A port
If using this cable with a USB
charging product, use only USB
chargers that provide Over
Current Protection. Over Current
Protection is a requirement for a
USB Charger to be UL certified,
and therefore a standard feature;
however, if you have a USB
Charging product that does not
have Over Current Protection, it
is possible that the device you
are charging will seek to pull
more power than the charger can
provide, causing damage to the
charger.
Package Includes
USB 2.0 A Male to USB Type-C
(USB-C) Male Device Cable - 3-ft
1 / 2


同様の部品番号 - U038-003

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U038-003-CRA TRIPPLITE-U038-003-CRA Datasheet
163Kb / 3P
   USB Type-A to Type-C Cable, M/M, Right-Angle USB-C, 2.0, 3 ft. - Thunderbolt 3 Compatible
U038-003-GY-MAX TRIPPLITE-U038-003-GY-MAX Datasheet
178Kb / 3P
   Heavy-Duty USB-A to USB-C Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 3 ft. (0.9m)
More results

同様の説明 - U038-003

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
   USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MINI TRIPPLITE-U040-006-MINI Datasheet
494Kb / 2P
   USB 2.0 Hi-Speed Cable, USB 5-Pin Mini-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
   USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
   USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
Wurth Elektronik GmbH &...
632910731611 WURTH-632910731611 Datasheet
368Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
   DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com