データシートサーチシステム |
|
LM10 データシート(PDF) 8 Page - Texas Instruments |
|
|
LM10 データシート(HTML) 8 Page - Texas Instruments |
8 / 37 page LM10 SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015 www.ti.com 6.6 Electrical Characteristics, LM10BL TJ=25°C unless otherwise specified. (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TJ=25°C 0.3 2 mV Input offset voltage TMIN ≤ TJ ≤ TMAX (see (1)) 3 mV TJ=25°C 0.1 0.7 nA Input offset current(2) TMIN ≤ TJ ≤ TMAX (see (1)) 1.5 nA TJ=25°C 10 20 nA Input bias current TMIN ≤ TJ ≤ TMAX (see (1)) 30 nA TJ=25°C 250 500 k Ω Input resistance TMIN ≤ TJ ≤ TMAX (see (1)) 150 k Ω VS = ±3.25 V, IOUT = 0 60 300 V/mV VOUT = ±3.2 V, TMIN ≤ TJ ≤ TMAX (see (1)) 40 V/mV VS = ±3.25 V, IOUT = 10 mA 10 25 V/mV VOUT = ±2.75 V, TMIN ≤ TJ ≤ TMAX (see (1)) 4 V/mV Large signal voltage gain VS = ±0.6 V, IOUT = ±2 mA 1.5 3 V/mV VS = 0.65 V, IOUT = ±2 mA, TMIN ≤ TJ ≤ TMAX (see (1)) 1.5 3 V/mV VOUT = ±0.4 V, VCM = −0.4 V, TMIN ≤ TJ ≤ TMAX (see (1)) 0.5 V/mV VOUT = ±0.3 V, VCM = −0.4 V, TMIN ≤ TJ ≤ TMAX (see (1)) 0.5 V/mV 1.5 V ≤ V +≤ 6.5 V, RL = 500 Ω 8 30 V/mV Shunt gain(3) 0.1 mA ≤ IOUT ≤ 10 mA, TMIN ≤ TJ ≤ TMAX (see (1)) 4 V/mV −3.25 V ≤ VCM ≤ 2.4 V 89 102 dB Common-mode rejection −3.25 V ≤ VCM ≤ 2.25 V, TMIN ≤ TJ ≤ TMAX (see (1)) VS = ±3.25 V, TMIN ≤ TJ ≤ TMAX (see (1)) 83 dB −0.2 V ≥ V− ≥ −5.4 V 86 96 dB V+ = 1 V, TMIN ≤ TJ ≤ TMAX (see (1)) 80 dB V+ = 1.2 V, TMIN ≤ TJ ≤ TMAX (see (1)) 80 dB Supply-voltage rejection 1 V ≤ V+ ≤ 6.3 V 94 106 dB 1.1 V ≤ V+ ≤ 6.3 V, TMIN ≤ TJ ≤ TMAX (see (1)) 94 106 dB V−=0.2 V, TMIN ≤ TJ ≤ TMAX (see (1)) 88 dB Offset voltage drift 2 μV/°C Offset current drift 2 pA/°C Bias current drift 60 pA/°C 1.2 V ≤ VS ≤ 6.5 V 0.001 0.01 %/V Line regulation 1.3 V ≤ VS ≤ 6.5 V, TMIN ≤ TJ ≤ TMAX (see (1)) 0.001 0.01 %/V 0 ≤ IREF ≤ 0.5 mA, VREF = 200 mV, TMIN ≤ TJ ≤ TMAX (see (1)) 0.02 %/V 0 ≤ IREF ≤ 0.5 mA 0.01% 0.1% Load regulation V+ − VREF ≥ 1 V, TMIN ≤ TJ ≤ TMAX (see (1)) 0.15% V+ − VREF ≥ 1.1 V, TMIN ≤ TJ ≤ TMAX (see (1)) 0.15% TJ=25°C 30 70 V/mV Amplifier gain 0.2 V ≤ VREF ≤ 5.5 V TMIN ≤ TJ ≤ TMAX (see (1)) 20 V/mV TJ=25°C 195 200 205 mV Feedback sense voltage TMIN ≤ TJ ≤ TMAX (see (1)) 194 206 mV (1) These specifications apply for V− ≤ VCM ≤ V +− 0.85 V, 1 V (T MIN ≤ TJ ≤ TMAX), 1.2 V, 1.3 V (TMIN ≤ TJ ≤ TMAX) < VS ≤ VMAX, VREF = 0.2 V and 0 ≤ IREF ≤ 1 mA, unless otherwise specified: VMAX = 40 V for the standard part and 6.5 V for the low voltage part. The full- temperature-range operation is −55°C to 125°C for the LM10, −25°C to 85°C for the LM10B(L) and 0°C to 70°C for the LM10C(L). The specifications do not include the effects of thermal gradients ( τ1 ≃ 20 ms), die heating (τ2 ≃ 0.2 s) or package heating. Gradient effects are small and tend to offset the electrical error (see curves). (2) For TJ > 90°C, IOS may exceed 1.5 nA for VCM = V −. With T J=125°C and V − ≤ V CM ≤ V −+ 0.1 V, I OS ≤ 5 nA. (3) This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+ terminal of the IC and input common mode is referred to V− (see System Examples). Effect of larger output-voltage swings with higher load resistance can be accounted for by adding the positive-supply rejection error. 8 Submit Documentation Feedback Copyright © 1998–2015, Texas Instruments Incorporated Product Folder Links: LM10 |
同様の部品番号 - LM10 |
|
同様の説明 - LM10 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |