データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10CLN データシート(PDF) 1 Page - Texas Instruments

部品番号 LM10CLN
部品情報  Operational Amplifier and Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CLN データシート(HTML) 1 Page - Texas Instruments

  LM10CLN Datasheet HTML 1Page - Texas Instruments LM10CLN Datasheet HTML 2Page - Texas Instruments LM10CLN Datasheet HTML 3Page - Texas Instruments LM10CLN Datasheet HTML 4Page - Texas Instruments LM10CLN Datasheet HTML 5Page - Texas Instruments LM10CLN Datasheet HTML 6Page - Texas Instruments LM10CLN Datasheet HTML 7Page - Texas Instruments LM10CLN Datasheet HTML 8Page - Texas Instruments LM10CLN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM10
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
LM10 Operational Amplifier and Voltage Reference
The circuit is recommended for portable equipment
1 Features
and is completely specified for operation from a
1
Input Offset Voltage: 2 mV (Maximum)
single power cell. In contrast, high output-drive
Input Offset Current: 0.7 nA (Maximum)
capability, both voltage and current, along with
thermal overload protection, suggest it in demanding
Input Bias Current: 20 nA (Maximum)
general-purpose applications.
Reference Regulation: 0.1% (Maximum)
The device is capable of operating in a floating mode,
Offset Voltage Drift: 2
μV/°C
independent of fixed supplies. It can function as a
Reference Drift: 0.002%/°C
remote comparator, signal conditioner, SCR controller
or transmitter for analog signals, delivering the
2 Applications
processed signal on the same line used to supply
power. It is also suited for operation in a wide range
Remote Amplifiers
of voltage and current regulator applications, from low
Battery-Level Indicators
voltages to several hundred volts, providing greater
Thermocouple Transmitters
precision than existing ICs.
Voltage and Current regulators
This series is available in the three standard
temperature ranges, with the commercial part having
3 Description
relaxed limits. In addition, a low-voltage specification
The LM10 series are monolithic linear ICs consisting
(suffix L) is available in the limited temperature
of a precision reference, an adjustable reference
ranges at a cost savings.
buffer and an independent, high-quality operational
amplifier.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
The unit can operate from a total supply voltage as
low as 1.1 V or as high as 40 V, drawing only 270
μA.
SOIC (14)
8.992 mm × 7.498 mm
A complementary output stage swings within 15 mV
LM10
SDIP (8)
8.255 mm × 8.255 mm
of the supply terminals or will deliver ±20-mA output
PDIP (8)
9.81 mm × 6.35 mm
current with ±0.4-V saturation. Reference output can
(1) For all available packages, see the orderable addendum at
be as low as 200 mV.
the end of the data sheet.
Operational Amplifier Schematic
(Pin numbers are for 8-pin packages)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM10CLN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10CLN NSC-LM10CLN Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CLN NSC-LM10CLN Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10CLN8 LINER-LM10CLN8 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10CLNNOPB NSC-LM10CLNNOPB Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
More results

同様の説明 - LM10CLN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com