データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM353RT データシート(PDF) 2 Page - Honeywell Solid State Electronics Center

部品番号 SM353RT
部品情報  Magnetoresistive Sensor ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SM353RT データシート(HTML) 2 Page - Honeywell Solid State Electronics Center

  SM353RT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SM353RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sensing and Productivity Solutions
Magnetoresistive Sensor ICs
Standard Power Series: SM351RT, SM451R, SM353RT, SM453R
Table 1. Electrical Specifications (3 V < Vcc < 24 V, -40 °C < Ta < 85 °C [-40 °F < Ta < 185 °F] unless otherwise specified.)
CCharacteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage (Vcc)
Vcc reference to ground
3
12
24
V
Supply current:
off
on
Vcc = 5 V, T = 25 °C [77 °F]
Vcc = 5 V, T = 25 °C [77 °F
2.5
4
8
3.5
5
mA
Start-up time
Vcc > 3 V
10
µs
Output leakage current
Vcc = 24, off
10
µA
Output saturation voltage
load current = 20 mA
500
mV
Rise time
Fall time
Vcc = 5 V, R = 2 kOhm, C = 20 pF
Vcc = 5 V, R = 2 kOhm, C = 20 pF
1.5
1.5
µs
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the
device. However, the electrical and mechanical characteristics are not guaranteed as the maximum limits
(above recommended operating conditions) are approached, nor will the device necessarily operate at
absolute maximum ratings.
Table 3. Absolute Maximum Ratings
C Characteristic
Condition
Min.
Typ.
Max.
Unit
Operating temperature
ambient
-40 [-40]
85 [185]
°C [°F]
Soldering temperature:
SM351RT, SM353RT
SM451R, SM453R
ambient applied for < 10 s
ambient applied for < 3 s
245 [473]
260 [500]
°C [°F]
Supply voltage (Vs)
-26
26
V
Load current
output sinking (open collector)
40
µA
NOTICE
The magnetic field strength (Gauss) required to cause the switch
to change state (operate and release) will be as specified in the
magnetic characteristics. To test the switch against the specified
magnetic characteristics, the switch must be placed in a uniform
magnetic field.
NOTICE
These magnetoresistive sensor ICs may have an initial output in
either the ON or OFF state if powered up with an applied magnetic
field in the differential zone (applied magnetic field >Brp and
<Bop). Honeywell recommends allowing 10 μs for output voltage
to stabilize after supply voltage has reached its final rated value.
Table 2. Magnetic Specifications (3 V < Vcc < 24 V, -40 °C < Ta < 85 °C [-40 °F < Ta < 185 °F].)
Characteristic
Min.
Typ.
Max.
Unit
SM351RT, SM451R:
operate (positive)
release (positive)
differential
3
2
7
4.8
2.2
11
9
Gauss
SM353RT, SM453R:
operate (positive)
release (positive)
differential
6
3
14
9.3
5.7
20
18
Gauss
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 3A


同様の部品番号 - SM353RT

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
SM353230-181-N7Y BOURNS-SM353230-181-N7Y Datasheet
483Kb / 4P
   1 / 2.5 / 5 GbE Chip LAN Transformer
SM353230-181N7Y BOURNS-SM353230-181N7Y Datasheet
483Kb / 4P
   1 / 2.5 / 5 GbE Chip LAN Transformer
logo
Honeywell Accelerometer...
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
More results

同様の説明 - SM353RT

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Siemens Semiconductor G...
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com