データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D32P7 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LC1D32P7
部品情報  32 A - 230 V AC coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D32P7 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1D32P7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Price*: 172.00 USD
Main
Commercial Status
Commercialised
Range of product
TeSys D
Product or component
type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-1
AC-3
Poles description
3P
Pole contact
composition
3 NO
[Ue] rated operational
voltage
<= 300 V DC for power circuit
<= 690 V AC 25...400 Hz for power circuit
[Ie] rated operational
current
50 A (<= 140 °F (60 °C)) at <= 440 V AC AC-1 for power
circuit
32 A (<= 140 °F (60 °C)) at <= 440 V AC AC-3 for power
circuit
Motor power kW
18.5 kW at 660...690 V AC 50/60 Hz
18.5 kW at 500 V AC 50/60 Hz
15 kW at 415...440 V AC 50/60 Hz
15 kW at 380...400 V AC 50/60 Hz
7.5 kW at 220...230 V AC 50/60 Hz
Motor power hp
20 hp at 460/480 V AC 50/60 Hz for 3 phases motors
7.5 hp at 200/208 V AC 50/60 Hz for 3 phases motors
2 hp at 115 V AC 50/60 Hz for 1 phase motors
30 hp at 575/600 V AC 50/60 Hz for 3 phases motors
10 hp at 230/240 V AC 50/60 Hz for 3 phases motors
5 hp at 230/240 V AC 50/60 Hz for 1 phase motors
Control circuit type
AC 50/60 Hz
Control circuit voltage
230 V AC 50/60 Hz
Auxiliary contact
composition
1 NO + 1 NC
[Uimp] rated impulse
withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free
air thermal current
50 A at <= 140 °F (60 °C) for power circuit
10 A at <= 140 °F (60 °C) for signalling circuit
Irms rated making
capacity
550 A at 440 V for power circuit conforming to IEC 60947
250 A DC for signalling circuit conforming to IEC
60947-5-1
140 A AC for signalling circuit conforming to IEC
60947-5-1
Rated breaking
capacity
550 A at 440 V for power circuit conforming to IEC 60947
[Icw] rated short-time
withstand current
430 A <= 104 °F (40 °C) 1 s power circuit
260 A <= 104 °F (40 °C) 10 s power circuit
138 A <= 104 °F (40 °C) 1 min power circuit
60 A <= 104 °F (40 °C) 10 min power circuit
140 A 100 ms signalling circuit
120 A 500 ms signalling circuit
100 A 1 s signalling circuit
Associated fuse rating
63 A gG at <= 690 V coordination type 2 for power circuit
63 A gG at <= 690 V coordination type 1 for power circuit
10 A gG for signalling circuit conforming to IEC
60947-5-1
Average impedance
2 mOhm at 50 Hz - Ith 50 A for power circuit


同様の部品番号 - LC1D32P7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D32 SCHNEIDER-LC1D32 Datasheet
971Kb / 2P
   AC/DC
LC1D32 SCHNEIDER-LC1D32 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D323B7 SCHNEIDER-LC1D323B7 Datasheet
136Kb / 5P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V AC coil
LC1D323BD SCHNEIDER-LC1D323BD Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
LC1D323BL SCHNEIDER-LC1D323BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
More results

同様の説明 - LC1D32P7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D326P7 SCHNEIDER-LC1D326P7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 230 V AC coil
LC1D323P7 SCHNEIDER-LC1D323P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 230 V AC coil
LC1D188P7 SCHNEIDER-LC1D188P7 Datasheet
138Kb / 4P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 - <= 440 V 32 A - 230 V AC coil
LE1D09P7 SCHNEIDER-LE1D09P7 Datasheet
92Kb / 2P
   TeSys LE - enclosed DOL starter - 9 A - 230 V AC coil
Sep 20, 2021
LC1D123P7 SCHNEIDER-LC1D123P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
LC1D126P7 SCHNEIDER-LC1D126P7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
LC1D183P7 SCHNEIDER-LC1D183P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 230 V AC coil
LC1D25P7 SCHNEIDER-LC1D25P7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 230 V AC coil
LC1D093P7 SCHNEIDER-LC1D093P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 230 V AC coil
LC1K09004P7 SCHNEIDER-LC1K09004P7 Datasheet
135Kb / 3P
   TeSys K contactor - 4P (4 NO) - AC-1 <= 440 V 20 A - 230 V AC coil
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com