データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1F330G7 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 LC1F330G7
部品情報  330 A - coil 120 V AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F330G7 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  LC1F330G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Ordering and shipping details
Category
22336 - CTR,F-LINE,AC,OPEN,NONREV
Discount Schedule
I12
GTIN
00785901079842
Nbr. of units in pkg.
1
Package weight(Lbs)
20.52
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
CZ
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0843 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Available
Contractual warranty
Period
18 months


同様の部品番号 - LC1F330G7

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1F330G7 SCHNEIDER-LC1F330G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 120 V AC
More results

同様の説明 - LC1F330G7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC1F265G7 ETC2-LC1F265G7 Datasheet
76Kb / 4P
   265 A - coil 120 V AC
LC1D806G7 ETC2-LC1D806G7 Datasheet
79Kb / 4P
   80 A - 120 V AC coil
logo
Schneider Electric
LC1F330G7 SCHNEIDER-LC1F330G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 120 V AC
logo
List of Unclassifed Man...
LC1F330 ETC2-LC1F330 Datasheet
72Kb / 3P
   330 A - without coil
logo
Schneider Electric
LC1F330E7 SCHNEIDER-LC1F330E7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 48 V AC
LC1F330F7 SCHNEIDER-LC1F330F7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 110 V AC
LC1F330B7 SCHNEIDER-LC1F330B7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 24 V AC
LC1F330S7 SCHNEIDER-LC1F330S7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 500 V AC
LC1F330U7 SCHNEIDER-LC1F330U7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 240 V AC
LC1F330N7 SCHNEIDER-LC1F330N7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 415 V AC
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com