データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2803A データシート(PDF) 1 Page - STMicroelectronics

部品番号 ULN2803A
部品情報  Eight Darlington array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2803A データシート(HTML) 1 Page - STMicroelectronics

  ULN2803A Datasheet HTML 1Page - STMicroelectronics ULN2803A Datasheet HTML 2Page - STMicroelectronics ULN2803A Datasheet HTML 3Page - STMicroelectronics ULN2803A Datasheet HTML 4Page - STMicroelectronics ULN2803A Datasheet HTML 5Page - STMicroelectronics ULN2803A Datasheet HTML 6Page - STMicroelectronics ULN2803A Datasheet HTML 7Page - STMicroelectronics ULN2803A Datasheet HTML 8Page - STMicroelectronics ULN2803A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
November 2012
Doc ID 1536 Rev 3
1/14
14
ULN2801A, ULN2802A,
ULN2803A, ULN2804A
Eight Darlington array
Datasheet
production data
Features
Eight Darlington transistors with common
emitters
Output current to 500 mA
Output voltage to 50 V
Integral suppression diodes
Versions for all popular logic families
Output can be paralleled
Inputs pinned opposite outputs to simplify
board layout
Description
The ULN2801A, ULN2802A, ULN2803A and
ULN2804A each contain eight Darlington
transistors with common emitters and integral
suppression diodes for inductive loads. Each
Darlington features a peak load current rating of
600 mA (500 mA continuous) and can withstand
at least 50 V in the OFF state. Outputs may be
paralleled for higher current capability.
Four versions are available to simplify interfacing
to standard logic families: the ULN2801A is
designed for general purpose applications with a
current limit resistor; the ULN2802A has a 10.5
k
Ω input resistor and Zener for 14-25 V PMOS;
the ULN2803A has a 2.7 k
Ω input resistor for 5 V
TTL and CMOS; the ULN2804A has a 10.5 k
Ω
input resistor for 6-15 V CMOS.
All types are supplied in an 18-lead plastic DIP
with a copper lead form and feature the
convenient input-opposite-output pinout to
simplify board layout.
DIP-18
Table 1.
Device summary
Order codes
Package
ULN2801A
DIP-18
ULN2802A
ULN2803A
ULN2804A
www.st.com


同様の部品番号 - ULN2803A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ULN2803A ONSEMI-ULN2803A Datasheet
85Kb / 6P
   OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Allegro MicroSystems
ULN2803A ALLEGRO-ULN2803A Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Texas Instruments
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Allegro MicroSystems
ULN2803A ALLEGRO-ULN2803A Datasheet
272Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Texas Instruments
ULN2803A TI-ULN2803A Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
More results

同様の説明 - ULN2803A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801 STMICROELECTRONICS-ULQ2801_08 Datasheet
228Kb / 13P
   Eight Darlington array
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_15 Datasheet
312Kb / 7P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803_18 Datasheet
301Kb / 6P
   EIGHT DARLINGTON ARRAYS
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
   Eight-channel Darlington Drivers
logo
Alpha & Omega Semicondu...
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
   Eight-line TVS Diode Array
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com