データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD404M182RCA-5 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 AD404M182RCA-5
部品情報  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD404M182RCA-5 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  AD404M182RCA-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD404M182RCA-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Rev.1
Page 3
Description
The device CMOS Dynamic RAM organized as 4,194,304 words x 4 bits with extended data out access
mode. It is fabricated with an advanced submicron CMOS technology and designed to operate from a single
3.3V oniy power supply. Low voltage operation is more suitable to be used on battery backup, portable elec-
tronic application. lt is packaged in JEDEC standard 26/24-pin plastic SOJ or TSOP(II).
Features
• Single 3.3V(
%) only power supply
• High speed tRAC acess time: 50/60ns
• Low power dissipation
- Active mode :
432/396 mW (Mas)
- Standby mode: 0.54 mW (Mas)
• Extended - data - out(EDO) page mode access
• I/O level: CMOS level (Vcc = 3.3V)
• 2048 refresh cycle in 32 ms(Std.) or 128 ms(S-version)
• 4 refresh modesh:
- RAS only refresh
- CAS - before - RAS refresh
- Hidden refresh
- Self-refresh(S-version)
10
±


同様の部品番号 - AD404M182RCA-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD404-00 ETC2-AD404-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

同様の説明 - AD404M182RCA-5

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com