データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHCT74ASJ データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74VHCT74ASJ
部品情報  Dual D-Type Flip-Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT74ASJ データシート(HTML) 4 Page - Fairchild Semiconductor

  74VHCT74ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT74A Rev. 1.4.0
4
DC Electrical Characteristics
AC Electrical Characteristics
Notes:
5. VCC is 5.0 ± 0.5V
6. CPD is defined as the value of internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 2 (per flip-flop).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ. Max. Min. Max.
VIH
HIGH Level Input
Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
VIL
LOW Level Input
Voltage
4.5
0.8
0.8
V
5.5
0.8
0.8
VOH
HIGH Level Output
Voltage
4.5
VIN = VIH
or VIL
IOH = –50µA 4.40
4.50
4.40
V
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
4.5
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
4.5
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
2.0
20.0
µA
ICCT
Maximum ICC/ Input
5.5
VIN = 3.4V, Other
Inputs
= VCC or GND
1.35
1.50
mA
IOFF
Output Leakage
Current (Power
Down State)
0.0
VOUT = 5.5V
+0.5
+5.0
µA
Symbol
Parameter
VCC (V)(5) Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
CL = 15pF
100
160
80
MHz
5.0
CL = 50pF
80
140
65
tPLH, tPHL Propagation Delay
Time (CK-Q, Q)
5.0
CL = 15pF
5.8
7.8
1.0
9.0
ns
5.0
CL = 50pF
6.3
8.8
1.0
10.0
tPLH, tPHL Propagation Delay
Time (CLR, PR-Q, Q)
5.0
CL = 15pF
7.6
10.4
1.0
12.0
ns
5.0
CL = 50pF
8.1
11.4
1.0
13.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(6)
24
pF


同様の部品番号 - 74VHCT74ASJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
105Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
277Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74ASJ ONSEMI-74VHCT74ASJ Datasheet
279Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

同様の説明 - 74VHCT74ASJ

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com