データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF310-S データシート(PDF) 7 Page - LEM

部品番号 LF310-S
部品情報  Bipolar and insulated current measurement up to 500 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF310-S データシート(HTML) 7 Page - LEM

  LF310-S Datasheet HTML 1Page - LEM LF310-S Datasheet HTML 2Page - LEM LF310-S Datasheet HTML 3Page - LEM LF310-S Datasheet HTML 4Page - LEM LF310-S Datasheet HTML 5Page - LEM LF310-S Datasheet HTML 6Page - LEM LF310-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7/7
27October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 310-S
Mechanical characteristics
● General tolerance
±0.3 mm
● Transducer fastening
Vertical position
2 holes
⌀ 4.3 mm
2 M4 steel screws
Recommended fastening torque
2.1 N·m (±10 %)
● Transducer fastening
Horizontal position
4 holes
⌀ 4.3 mm
4 M4 steel screws
Recommended fastening torque
2.1 N·m (±10 %)
● Connection of secondary
MOLEX 6410
● Primary through hole
⌀ 20 mm
Remarks
● I
S is positive when IP flows in the direction of arrow.
● The secondary cables also have to be routed together all
the way.
● Installation of the transducer is to be done without primary
current or secondary voltage present.
● Maximum temperature of primary conductor: see page 2.
● This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
● Installation of the transducer must be done unless otherwise
specified on the datasheet, according to LEM Transducer
Generic Mounting Rules. Please refer to LEM document
N°ANE120504 available on our Web site:
Products/
Product Documentation.
Safety
This transducer must be used in limited-energy secondary
circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module
can carry hazardous voltage (eg. primary connection, power
supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a build-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
Connection
Dimensions (in mm)
dCI
dCp
10.5
10.8
I
P
I
S
R
M
U
C
U
C
0 V


同様の部品番号 - LF310-S

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF311 NSC-LF311 Datasheet
190Kb / 4P
   Linear Intergrated Circuit
logo
MicroPower Direct, LLC
LF311RU MPD-LF311RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF311RW MPD-LF311RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RU MPD-LF312RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RW MPD-LF312RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
More results

同様の説明 - LF310-S

メーカー部品番号データシート部品情報
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF2010-S LEM-LF2010-S Datasheet
622Kb / 7P
   Bipolar and insulated current measurement up to 3 kA
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
logo
PHOENIX CONTACT
100241 PHOENIX-100241 Datasheet
1Mb / 19P
   Current transducer up to 55 A, programmable and configurable
logo
Weidmuller
2716650000 WEIDMULLER-2716650000 Datasheet
143Kb / 4P
   Rated current : 16 A, Applications: Power and flow measurement
November 4, 2021
2716660000 WEIDMULLER-2716660000 Datasheet
149Kb / 4P
   Rated current : 32 A, Applications: Power and flow measurement
November 4, 2021
2716670000 WEIDMULLER-2716670000 Datasheet
169Kb / 4P
   Rated current : 63 A, Applications: Power and flow measurement
November 4, 2021
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com