データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF2010-S データシート(PDF) 7 Page - LEM

部品番号 LF2010-S
部品情報  Bipolar and insulated current measurement up to 3 kA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF2010-S データシート(HTML) 7 Page - LEM

  LF2010-S Datasheet HTML 1Page - LEM LF2010-S Datasheet HTML 2Page - LEM LF2010-S Datasheet HTML 3Page - LEM LF2010-S Datasheet HTML 4Page - LEM LF2010-S Datasheet HTML 5Page - LEM LF2010-S Datasheet HTML 6Page - LEM LF2010-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7/7
8October2015/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 2010-S
Mechanical characteristics
● General tolerance
±0.5 mm
● Transducer fastening
Vertical position
4 slotted holes
⌀ 6.5 mm
4 M6 steel screws
Recommended fastening torque
5.5 N·m (±10 %)
● Primary through-hole
⌀ 57 mm
Or
60 mm × 20 mm
● Transducer fastening
Horizontal position
4 slotted holes
⌀ 6.5 mm
4 M6 steel screws
Recommended fastening torque
5.5 N·m (±10 %)
● Connection of secondary
JST S3P-VH
Remarks
● I
S is positive when IP flows in the direction of arrow.
● The secondary cables also have to be routed together all
the way.
● Installation of the transducer is to be done without primary
current or secondary voltage present.
● Maximum temperature of primary conductor: see page 2.
● This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us
● Installation of the transducer must be done unless otherwise
specified on the datasheet, according to LEM Transducer
Generic Mounting Rules. Please refer to LEM document
N°ANE120504 available on our Web site:
Products/
Product Documentation.
Safety
This transducer must be used in limited-energy secondary
circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module
can carry hazardous voltage (eg. primary connection, power
supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a build-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
Connection
Dimensions (in mm)
dCI
dCp
28.0
29.8
I
P
0 V
+U
C
–U
C
I
S
R
M


同様の部品番号 - LF2010-S

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
LF201D MPD-LF201D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
LF201D MPD-LF201D Datasheet
270Kb / 2P
   LF200D SERIES
LF201ED MPD-LF201ED Datasheet
263Kb / 2P
   Low Cost, 2W SMT Dual Output DC/DC Converters
LF201ED MPD-LF201ED Datasheet
315Kb / 2P
   LF200ED SERIES
LF201ES MPD-LF201ES Datasheet
325Kb / 2P
   Low Cost, 2W SMT Single Output DC/DC Converters
More results

同様の説明 - LF2010-S

メーカー部品番号データシート部品情報
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
List of Unclassifed Man...
SHT3X-DIS ETC2-SHT3X-DIS Datasheet
1Mb / 18P
   Very fast start-up and measurement time
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
   Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
logo
Maxim Integrated Produc...
MAX44298 MAXIM-MAX44298 Datasheet
552Kb / 16P
   Current and Voltage Sense with Power Measurement
2018
logo
Danisense A/S
DC200IF DANISENSE-DC200IF Datasheet
423Kb / 6P
   Highly stabilized and precise fluxgate technology based current transducer, reengineered cost sensitive, non-intrusive, isolated DC and AC current measurement applications up to 300A
2022-11-25
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com