データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040AIM3-2.0 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4040AIM3-2.0
部品情報  Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-2.0 データシート(HTML) 10 Page - Texas Instruments

Back Button LM4040AIM3-2.0 Datasheet HTML 6Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 7Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 8Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 9Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 10Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 11Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 12Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 13Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
LM4040-N, LM4040-N-Q1
SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015
www.ti.com
6.7 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'E'
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Reverse Breakdown
IR = 100 μA
2.048
V
Voltage
TA = TJ = 25°C
±10
LM4040CEM3
TA = TJ = TMIN to TMAX
±30
VR
TA = TJ = 25°C
±20
Reverse Breakdown
IR = 100 μA
LM4040DEM3
mV
Voltage Tolerance(3)
TA = TJ = TMIN to TMAX
±50
TA = TJ = 25°C
±41
LM4040EEM3
TA = TJ = TMIN to TMAX
±70
TA = TJ = 25°C
45
60
LM4040CEM3
TA = TJ = TMIN to TMAX
68
TA = TJ = 25°C
45
65
Minimum Operating
IRMIN
LM4040DEM3
μA
Current
TA = TJ = TMIN to TMAX
73
TA = TJ = 25°C
45
65
LM4040EEM3
TA = TJ = TMIN to TMAX
73
IR = 10 mA
±20
TA = TJ = 25°C
±15
LM4040CEM3
TA = TJ = TMIN to TMAX
±100
Average Reverse
TA = TJ = 25°C
±15
Breakdown Voltage
ΔVR/ΔT
IR = 1 mA
LM4040DEM3
ppm/°C
Temperature
TA = TJ = TMIN to TMAX
±150
Coefficient(3)
TA = TJ = 25°C
±15
LM4040EEM3
TA = TJ = TMIN to TMAX
±150
IR = 100 μA
±15
TA = TJ = 25°C
0.3
0.8
LM4040CEM3
TA = TJ = TMIN to TMAX
1
TA = TJ = 25°C
0.3
1
IRMIN ≤ IR ≤ 1 mA
LM4040DEM3
TA = TJ = TMIN to TMAX
1.2
TA = TJ = 25°C
0.3
1
LM4040EEM3
Reverse Breakdown
TA = TJ = TMIN to TMAX
1.2
ΔVR/ΔI
Voltage Change with
mV
R
Operating Current
TA = TJ = 25°C
2.5
6
Change(4)
LM4040CEM3
TA = TJ = TMIN to TMAX
8
TA = TJ = 25°C
2.5
8
1 mA
≤ IR ≤ 15 mA
LM4040DEM3
TA = TJ = TMIN to TMAX
10
TA = TJ = 25°C
2.5
8
LM4040EEM3
TA = TJ = TMIN to TMAX
10
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM4040-N LM4040-N-Q1


同様の部品番号 - LM4040AIM3-2.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040AIM3-2.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com