データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CASS-0840 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CASS-0840
部品情報  Wire Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CASS-0840 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CASS-0840 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
05/11/15
Wire Assembly
Specifications:
Connector Type A
: Crimp Pin
Connector Type B
: Crimp Pin
Cable Length - Imperial
: 5.91"
Cable Length - Metric
: 150mm
Jacket Colour
: Black
Voltage Rating
: 100V AC
Current Rating
: 1A
150mm ±3
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Cable Assembly, DF19, 150mm
CASS-0840
Testing Specifications:
Conductor Resistance
: 5Ω
Insulation Resistance
: 5MΩ
Resistance Voltage
: 200V DC


同様の部品番号 - CASS-0840

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CASS-0841 ETC2-CASS-0841 Datasheet
168Kb / 1P
   Wire Assembly
CASS-0842 ETC2-CASS-0842 Datasheet
140Kb / 1P
   Wire Assembly
CASS-0843 ETC2-CASS-0843 Datasheet
139Kb / 1P
   Wire Assembly
CASS-0846 ETC2-CASS-0846 Datasheet
141Kb / 1P
   Wire Assembly
CASS-0847 ETC2-CASS-0847 Datasheet
139Kb / 1P
   Wire Assembly
More results

同様の説明 - CASS-0840

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CASS-0835 ETC2-CASS-0835 Datasheet
156Kb / 1P
   Wire Assembly
CASS-0841 ETC2-CASS-0841 Datasheet
168Kb / 1P
   Wire Assembly
CASS-0902 ETC2-CASS-0902 Datasheet
128Kb / 1P
   Wire Assembly
CASS-0847 ETC2-CASS-0847 Datasheet
139Kb / 1P
   Wire Assembly
CASS-0846 ETC2-CASS-0846 Datasheet
141Kb / 1P
   Wire Assembly
CASS-0837 ETC2-CASS-0837 Datasheet
155Kb / 1P
   Wire Assembly
CASS-0836 ETC2-CASS-0836 Datasheet
157Kb / 1P
   Wire Assembly
CASS-0842 ETC2-CASS-0842 Datasheet
140Kb / 1P
   Wire Assembly
CASS-0843 ETC2-CASS-0843 Datasheet
139Kb / 1P
   Wire Assembly
logo
Tyco Electronics
776326 MACOM-776326 Datasheet
42Kb / 1P
   CONNECTOR-ASSEMBLY-WIRE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com