データシートサーチシステム |
|
54ACT299J データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
54ACT299J データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 10 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage (V CC) −0.5V to +7.0V DC Input Diode Current (I IK) V I = −0.5V −20 mA V I = VCC +0.5V +20 mA DC Input Voltage (V I) −0.5V to V CC +0.5V DC Output Diode Current (I OK) V O = −0.5V −20 mA V O = VCC +0.5V +20 mA DC Output Voltage (V O) −0.5V to V CC +0.5V DC Output Source or Sink Current (I O) ±50 mA DC V CC or Ground Current Per Output Pin (I CC or IGND) ±50 mA Storage Temperature (T STG) −65˚C to +150˚C Junction Temperature (T J) CDIP 175˚C Recommended Operating Conditions Supply Voltage (V CC) (Unless Otherwise Specified) ’AC 2.0V to 6.0V ’ACT 4.5V to 5.0V Input Voltage (V I) 0VtoV CC Output Voltage (V O) 0VtoV CC Operating Temperature (T A) 54AC/ACT −55˚C to +125˚C Minimum Input Edge Rate ( ∆V/∆t) ’AC Devices V IN from 30% to 70% of VCC V CC @ 3.3V, 4.5V, 5.5V 125 mV/ns Minimum Input Edge Rate ( ∆V/∆t) ’ACT Devices V IN from 0.8V to 2.0V V CC @ 4.5V, 5.5V 125 mV/ns Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. Obviously the databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. National does not recommend operation of FACT® circuits outside databook specifications. DC Electrical Characteristics For ’AC Family Devices 54AC Symbol Parameter V CC T A = Units Conditions (V) −55˚C to +125˚C Guaranteed Limits V IH Minimum High Level 3.0 2.1 V OUT = 0.1V Input Voltage 4.5 3.15 V or V CC − 0.1V 5.5 3.85 V IL Maximum Low Level 3.0 0.9 V OUT = 0.1V Input Voltage 4.5 1.35 V or V CC − 0.1V 5.5 1.65 V OH Minimum High Level 3.0 2.9 I OUT = −50 µA Output Voltage 4.5 4.4 V 5.5 5.4 (Note 2) V IN = VIL or VIH 3.0 2.4 V I OH = −12 mA 4.5 3.7 I OH = −24 mA 5.5 4.7 I OH = −24 mA V OL Maximum Low Level 3.0 0.1 I OUT = 50 µA Output Voltage 4.5 0.1 V 5.5 0.1 (Note 2) V IN = VIL or VIH 3.0 0.50 I OH = 12 mA 4.5 0.50 V I OH = 24 mA 5.5 0.50 I OH = 24 mA I IN Maximum Input 5.5 ±1.0 µA V I = VCC, GND Leakage Current Note 2: All outputs loaded; threshold on input associated with output under test. www.national.com 4 |
同様の部品番号 - 54ACT299J |
|
同様の説明 - 54ACT299J |