データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-159 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 MC-159
部品情報  High Quality Power Cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MC-159 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  MC-159 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC-159 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
31/12/15
High Quality Power Cord
UL Certificated
Plug Component
Colour
Component
Qty
35P (Black)
ME-301 (Nema 5-15P)
1
Nickel-plated
4.75 GEM 98475ABS-1
(#14-#18) (Earth Pins Terminal)
1
Nickel-plated
6.3×15 (#14AWG) GEM
98675BBS-1 (Solid Blades)
2
Black
301-1 (5-15P Inner Body)
1
Dimension
Strip
ROJ
Colour
6 +1/-0 22 ±2
Brown (L)
6 +1/-0 22 ±2
Blue (N)
6 +1/-0 22 ±2 Green-Yellow
(E)
Wire Styles
SJT 14AWGx3C
60°C Black
Length : 2,987mm ±50.8mm
117.6" ±2"
Dimensions
ROJ
Strip
Colour
16±1
5 +1/-0
Brown (L)
16±1
5 +1/-0
Blue (N)
16±1
5 +1/-0 Green-Yellow
(E)
Connector Component
Instruction
Qty.
Colour
ME-302 (IEC 60320, C13,
15A, 125V)
1
35p (Black)
2.0 × 4.0 GEM 98740LBS-0
(#12-14) Receptacle Terminal
3
Brass-Natural
GA005-5
(2.0 × 4.0 Serial Housing)
1
Off-White
Dimensions : Millimetres
Dimensions : Millimetres


同様の部品番号 - MC-159

メーカー部品番号データシート部品情報
logo
Littelfuse
MC-150012-DN LITTELFUSE-MC-150012-DN Datasheet
368Kb / 2P
   25A MICRORELAYS
2020 Rev: 081720
MC-150012-DS LITTELFUSE-MC-150012-DS Datasheet
368Kb / 2P
   25A MICRORELAYS
2020 Rev: 081720
MC-150012-NN LITTELFUSE-MC-150012-NN Datasheet
368Kb / 2P
   25A MICRORELAYS
2020 Rev: 081720
MC-150012-NS LITTELFUSE-MC-150012-NS Datasheet
368Kb / 2P
   25A MICRORELAYS
2020 Rev: 081720
MC-150012-RN LITTELFUSE-MC-150012-RN Datasheet
368Kb / 2P
   25A MICRORELAYS
2020 Rev: 081720
More results

同様の説明 - MC-159

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2009318 ETC2-2009318 Datasheet
301Kb / 2P
   High Quality Power Cord
MC-169 ETC2-MC-169 Datasheet
239Kb / 1P
   High Quality Power Cord
MC-170 ETC2-MC-170 Datasheet
254Kb / 1P
   High Quality Power Cord
MC-161 ETC2-MC-161 Datasheet
291Kb / 2P
   High Quality Power Cord
MC-175 ETC2-MC-175 Datasheet
311Kb / 2P
   High Quality Power Cord
MC-155 ETC2-MC-155 Datasheet
290Kb / 2P
   High Quality Power Cord
MC-172 ETC2-MC-172 Datasheet
291Kb / 2P
   High Quality Power Cord
MC-163 ETC2-MC-163 Datasheet
313Kb / 2P
   High Quality Power Cord
MC-171 ETC2-MC-171 Datasheet
248Kb / 1P
   High Quality Power Cord
MC-173 ETC2-MC-173 Datasheet
307Kb / 2P
   High Quality Power Cord
MC-176 ETC2-MC-176 Datasheet
314Kb / 2P
   High Quality Power Cord
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com