データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC001000 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 MC001000
部品情報  USB C to USB 3.1 A Plug Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MC001000 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  MC001000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
16/12/15
USB C to USB 3.1 A Plug Cable
No.
Name
Material Description
Qty
Unit
1.
Cable
USB 3.1 UL2725 (30AWG×1P+EAM)×2+
(32AWG×1P+AM)+24AWG×2C+2E+AEB
+PVC Jacket OD : 4.5mm Black
A/R
mm
2.
Conn.
USB C Type Plug Terminal 30μ’, Black,
Stamping Shell
1
Set
3.
Conn.
USB A Type Plug Contact Gold Plated
1 Set
4.
Outer
Molded
70P PVC Black
A/R
kg
Note:
1. Open/Short/Intermittence 100% test.
2. Hi-Pot : 300V DC/0.02 Sec.
3. Insulation Resistance
: 300V DC/0.02 Sec,
10MΩ Min.
4. Conductive Resistance : 3Ω Max.
5. Pin A5 (CC) of the USB Type-C plug shall be
connected to VBUS through a resistor
Rp Rp = 56kΩ ±20%
6. A 10nF bypass capacitor is required
between the VBUS and ground pins in the
USB Type-C plug side of the cable.
7. Voltage : 5V, Current : 3A
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
USB Cable, 3.1 Type A Plug-Type C Plug
MC001000


同様の部品番号 - MC001000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
   USB C to USB 2.0 A Plug Cable
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
   USB 2.0 Cable
More results

同様の説明 - MC001000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
   USB C to USB 3.1 A Plug Cable
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
   USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
   USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
   CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com