データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP275AQDGKRQ1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP275AQDGKRQ1
部品情報  Automotive Grade Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP275AQDGKRQ1 データシート(HTML) 8 Page - Texas Instruments

Back Button TMP275AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments TMP275AQDGKRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Diode
Sensor
Σ
ADC
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
2
7
A0
A2
Temp.
8
TMP275-Q1
SBOS760A – NOVEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TMP275-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMP275-Q1 is a digital temperature sensor that is optimal for thermal management and thermal protection
applications. The TMP275-Q1 is two-wire, SMBus, and I2C interface compatible, and is specified over the
temperature range of –40°C to +125°C. The temperature sensor in the TMP275-Q1 is the device itself. Thermal
paths run through the package leads as well as the plastic package. The package leads provide the primary
thermal path because of the lower thermal resistance of the metal; see the Functional Block Diagram section for
the internal block diagram of the TMP275-Q1 device.
7.2 Functional Block Diagram


同様の部品番号 - TMP275AQDGKRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP275AID TI-TMP275AID Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
TMP275AIDG4 TI-TMP275AIDG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275AIDGKR TI-TMP275AIDGKR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

同様の説明 - TMP275AQDGKRQ1

メーカー部品番号データシート部品情報
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA6N2NP02A473J230AA TDK-CGA6N2NP02A473J230AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA9N4NP02E154J230KN TDK-CGA9N4NP02E154J230KN Datasheet
239Kb / 1P
   Automotive Grade ( High Temperature Application ) )
CGA2B2NP01H3R3C050BA TDK-CGA2B2NP01H3R3C050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H030C050BA TDK-CGA2B2NP01H030C050BA Datasheet
130Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com