データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2006D1DRBR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2006D1DRBR
部品情報  MONO Filter-free Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2006D1DRBR データシート(HTML) 3 Page - Texas Instruments

  TPA2006D1DRBR Datasheet HTML 1Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 2Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 3Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 4Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 5Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 6Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 7Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 8Page - Texas Instruments TPA2006D1DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
8
SHUTDOWN
NC
IN+
IN−
VO−
GND
VDD
VO+
7
6
5
1
2
3
4
NC − No internal connection
TPA2006D1
www.ti.com
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
5 Device Comparison Table
DEVICE
SPEAKER
SPEAKER
OUTPUT
PSRR (dB)
SUPPLY MIN (V)
SUPPLY MAX (V)
PACKAGE
NUMBER
CHANNELS
AMP TYPE
POWER (W)
FAMILY
TPA2006D1
Mono
Class D
1.45
75
2.5
5.5
VSON
BGA
MICROSTAR
JUNIOR
TPA2005D1
Mono
Class D
1.4
75
2.5
5.5
HVSSOP
VSON
6 Pin Configuration and Functions
VSON Package
8-Pin DRB
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
7
O
High-current ground
IN–
4
I
Negative differential input
IN+
3
I
Positive differential input
NC
2
No Connect, not connected internal to the device. May be left unconnected.
SHUTDOWN
1
I
Shutdown pin (active low logic)
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
VO-
8
O
Negative BTL output
Thermal Pad
Must be soldered to a grounded thermal pad on PCB for best thermal performance.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA2006D1


同様の部品番号 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
More results

同様の説明 - TPA2006D1DRBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com