データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2005D1ZQYR データシート(PDF) 5 Page - Texas Instruments

部品番号 TPA2005D1ZQYR
部品情報  MONO Filter-Free Class-D Audio Power Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1ZQYR データシート(HTML) 5 Page - Texas Instruments

  TPA2005D1ZQYR Datasheet HTML 1Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 2Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 3Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 4Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 5Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 6Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
2
150 kW
R
I
2
142 kW
R
I
2
158 kW
R
I
V
V
TPA2005D1
www.ti.com
SLOS369G – JULY 2002 – REVISED OCTOBER 2015
7.5 Electrical Characteristics
TA = 25°C, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOS|
VI = 0 V, AV = 2 V/V, VDD = 2.5 V to 5.5 V
25
mV
differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–75
–55
dB
VDD = 2.5 V to 5.5 V, VIC= VDD/2 to 0.5 V,
CMRR
Common mode rejection ratio
–68
–49
dB
VIC= VDD/2 to VDD- 0.8 V
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
50
μA
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0.3 V
1
μA
VDD = 5.5 V, no load
3.4
4.5
I(Q)
Quiescent current
VDD = 3.6 V, no load
2.8
mA
VDD = 2.5 V, no load
2.2
3.2
I(SD)
Shutdown current
V (SHUTDOWN) = 0.8 V, VDD = 2.5 V to 5.5 V
0.5
2
μA
VDD = 2.5 V
770
rDS(on)
Static drain-source on-state resistance
VDD = 3.6 V
590
m
VDD = 5.5 V
500
Output impedance in SHUTDOWN
V (SHUTDOWN) = 0.8 V
>1
k
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
200
250
300
kHz
Gain
7.6 Operating Characteristics
TA = 25°C, Gain = 2 V/V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.18
THD + N= 1%, f = 1 kHz, RL
VDD = 3.6 V
0.58
W
= 8
VDD = 2.5 V
0.26
PO
Output power
VDD = 5 V
1.45
THD + N= 10%, f = 1 kHz, RL
VDD = 3.6 V
0.75
W
= 8
VDD = 2.5 V
0.35
PO = 1 W, f = 1 kHz, RL = 8
VDD = 5 V
0.18%
Total harmonic distortion plus
PO = 0.5 W, f = 1 kHz, RL = 8
THD+N
VDD = 3.6 V
0.19%
noise
PO = 200 mW, f = 1 kHz, RL
VDD = 2.5 V
0.20%
= 8
f = 217 Hz, V(RIPPLE) = 200
mVpp
kSVR
Supply ripple rejection ratio
VDD = 3.6 V
–71
dB
Inputs ac-grounded with Ci =
2
μF
SNR
Signal-to-noise ratio
PO= 1 W, RL = 8 Ω
VDD = 5 V
97
dB
VDD = 3.6 V, f = 20 Hz to 20
No weighting
48
kHz,
Vn
Output voltage noise
μVRMS
Inputs ac-grounded with Ci =
A weighting
36
2
μF
CMRR
Common mode rejection ratio VIC = 1 Vpp , f = 217 Hz
VDD = 3.6 V
–63
dB
ZI
Input impedance
142
150
158
k
Start-up time from shutdown
VDD = 3.6 V
9
ms
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA2005D1


同様の部品番号 - TPA2005D1ZQYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2005D1ZQYR TI-TPA2005D1ZQYR Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1ZQYR TI1-TPA2005D1ZQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1ZQYRG1 TI1-TPA2005D1ZQYRG1 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2005D1ZQYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com