データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3110D2 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3110D2
部品情報  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3110D2 Datasheet HTML 7Page - Texas Instruments TPA3110D2 Datasheet HTML 8Page - Texas Instruments TPA3110D2 Datasheet HTML 9Page - Texas Instruments TPA3110D2 Datasheet HTML 10Page - Texas Instruments TPA3110D2 Datasheet HTML 11Page - Texas Instruments TPA3110D2 Datasheet HTML 12Page - Texas Instruments TPA3110D2 Datasheet HTML 13Page - Texas Instruments TPA3110D2 Datasheet HTML 14Page - Texas Instruments TPA3110D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PO − Output Power − W
0.01
0.1
1
10
0.001
0.1
10
50
0.01
1
G026
f = 20 Hz
f = 10 kHz
f = 1 kHz
Gain = 20 dB
VCC = 24 V
ZL = 4
+ 33 µH
f − Frequency − Hz
100
50
0
−300
0
5
10
15
20
25
30
35
40
−50
−100
−150
20
100
10k
100k
1k
G027
Phase
Gain
−200
−250
CI = 1 µF
Gain = 20 dB
Filter = Audio Precision AUX-0025
VCC = 24 V
VI = 0.1 Vrms
ZL = 8
+ 66 µH
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G025
PO = 0.5 W
PO = 5 W
PO = 2.5 W
Gain = 20 dB
VCC = 24 V
ZL = 4
+ 33 µH
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
20
100
1k
10k
20k
G024
Gain = 20 dB
Vripple = 200 mVpp
ZL = 8
+ 66 µH
VCC = 12 V
PO(Tot) − Total Output Power − W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
5
10
15
20
25
30
G022
VCC = 12 V
Gain = 20 dB
ZL = 4
+ 33 µH
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
f − Frequency − Hz
20
100
1k
10k
20k
G023
Left to Right
Right to Left
Gain = 20 dB
VCC = 12 V
VO = 1 Vrms
ZL = 8
+ 66 µH
TPA3110D2
www.ti.com
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at www.ti.com.
Note: Dashed Lines represent thermally limited regions.
SPACE
Figure 25. Supply Current vs Total Output Power (BTL)
Figure 26. Crosstalk vs Frequency (BTL)
Figure 27. Supply Ripple Rejection Ratio vs Frequency
Figure 28. Total Harmonic Distortion vs Frequency (PBTL)
(BTL)
Figure 29. Total Harmonic Distortion + Noise vs Output
Figure 30. Gain and Phase vs Frequency (PBTL)
Power (PBTL)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3110D2


同様の部品番号 - TPA3110D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results

同様の説明 - TPA3110D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com