データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3110D2PWPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3110D2PWPR
部品情報  Filter-Free Stereo Class-D Audio Power Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3110D2PWPR データシート(HTML) 1 Page - Texas Instruments

  TPA3110D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LINP
LINN
RINP
RINN
SD
SD
Fault
Fault
PLIMIT
PBTL
PVCC
8to26V
1 F
m
OUTNL
FERRITE
BEAD
FILTER
OUTPL
15W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
8W
OUTR+
OUTR-
OUTL+
OUTL-
Audio
Source
TPA3110D2
GAIN0
GAIN1
OUTNR
FERRITE
BEAD
FILTER
OUTPR
15W
8W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA3110D2
SLOS528E – JULY 2009 – REVISED NOVEMBER 2015
TPA3110D2 15-W Filter-Free Stereo Class-D Audio Power Amplifier With Speakerguard™
1 Features
3 Description
The TPA3110D2 is a 15-W (per channel) efficient,
1
15-W/ch into an 8-
Ω Loads at 10% THD+N From
Class-D audio power amplifier for driving bridged-tied
a 16-V Supply
stereo
speakers.
Advanced
EMI
Suppression
10-W/ch into 8-
Ω Loads at 10% THD+N From a
Technology enables the use of inexpensive ferrite
13-V Supply
bead filters at the outputs while meeting EMC
requirements. SpeakerGuard™ speaker protection
30-W into a 4-
Ω Mono Load at 10% THD+N From
circuitry includes an adjustable power limiter and a
a 16-V Supply
DC detection circuit. The adjustable power limiter
90% Efficient Class-D Operation Eliminates Need
allows the user to set a "virtual" voltage rail lower
for Heat Sinks
than the chip supply to limit the amount of current
Wide Supply Voltage Range Allows Operation
through the speaker. The DC detect circuit measures
From 8 V to 26 V
the frequency and amplitude of the PWM signal and
shuts off the output stage if the input capacitors are
Filter-Free Operation
damaged or shorts exist on the inputs.
SpeakerGuard™ Speaker Protection Includes
The TPA3110D2 can drive stereo speakers as low as
Adjustable Power Limiter Plus DC Protection
4
Ω. The high efficiency of the TPA3110D2, 90%,
Flow Through Pin Out Facilitates Easy Board
eliminates the need for an external heat sink when
Layout
playing music.
Robust Pin-to-Pin Short Circuit Protection and
The outputs are also fully protected against shorts to
Thermal Protection With Auto Recovery Option
GND, VCC, and output-to-output. The short-circuit
Excellent THD+N / Pop-Free Performance
protection and thermal protection includes an auto-
Four Selectable, Fixed Gain Settings
recovery feature.
Differential Inputs
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
TPA3110D2
HTSSOP (28)
9.70 mm × 4.40 mm
Televisions
(1) For all available packages, see the orderable addendum at
Consumer Audio Equipment
the end of the data sheet.
TPA3110D2 Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPA3110D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI1-TPA3110D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
More results

同様の説明 - TPA3110D2PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com