データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3112D1-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3112D1-Q1
部品情報  Filter-Free Mono Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3112D1-Q1 データシート(HTML) 3 Page - Texas Instruments

  TPA3112D1-Q1 Datasheet HTML 1Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 2Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA3112D1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
SD
FAULT
GND
GND
GAIN0
GAIN1
AVCC
AGND
GVDD
PLIMIT
PVCC
PVCC
BSN
OUTN
PGND
OUTN
BSN
BSP
OUTP
PGND
INN
INP
NC
11
12
13
14
18
17
16
15
OUTP
BSP
PVCC
PVCC
AVCC
TPA3112D1-Q1
www.ti.com
SLOS793B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP With PowerPAD™ IC
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
1
SD
I
with compliance to AVCC.
Open drain output used to display short circuit or DC detect fault status. Voltage compliant to AVCC.
2
FAULT
O
Short circuit faults can be set to auto-recovery by connecting FAULT pin to SD pin. Otherwise both
the short circuit faults and DC detect faults must be reset by cycling PVCC.
3
GND
Connect to local ground.
4
GND
Connect to local ground.
5
GAIN0
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
6
GAIN1
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
7
AVCC
P
Analog supply
8
AGND
Analog supply ground. Connect to the thermal pad.
High-side FET gate drive supply. Nominal voltage is 7 V. May also be used as supply for PLIMIT
9
GVDD
O
divider. Add a 1-
μF cap to ground at this pin.
Power limit level adjust. Connect directly to GVDD pin for no power limiting. Add a 1-
μF cap to
10
PLIMIT
I
ground at this pin.
11
INN
I
Negative audio input. Biased at 3 V.
12
INP
I
Positive audio input. Biased at 3 V.
13
NC
Not connected
14
AVCC
P
Connect AVCC supply to this pin.
15
PVCC
P
Power supply for H-bridge. PVCC pins are also connected internally.
16
PVCC
P
Power supply for H-bridge. PVCC pins are also connected internally.
17
BSP
I
Bootstrap I/O for positive high-side FET.
18
OUTP
O
Class-D H-bridge positive output.
19
PGND
Power ground for the H-bridges.
20
OUTP
O
Class-D H-bridge positive output.
21
BSP
I
Bootstrap I/O for positive high-side FET.
22
BSN
I
Bootstrap I/O for negative high-side FET.
23
OUTN
O
Class-D H-bridge negative output.
24
PGND
Power ground for the H-bridges.
25
OUTN
O
Class-D H-bridge negative output.
26
BSN
I
Bootstrap I/O for negative high-side FET.
27
PVCC
P
Power supply for H-bridge. PVCC pins are also connected internally.
28
PVCC
P
Power supply for H-bridge. PVCC pins are also connected internally.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3112D1-Q1


同様の部品番号 - TPA3112D1-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results

同様の説明 - TPA3112D1-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com