データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3116D2-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3116D2-Q1
部品情報  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3116D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 9Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 10Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 11Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 12Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 13Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 14Page - Texas Instruments TPA3116D2-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Input
Signal
Ci
IN
Zi
Zf
i
i
1
f
2 Z C
p
=
ƒ
5
6
7
8
9
10
INNR
PLIMIT
GVDD
GAIN/SLV
GND
2
1
1
2
C5
1 F
µ
2
1
51 k
R1
51 k
R2
TPA3116D2-Q1, TPA3118D2-Q1
www.ti.com
SLOS862A – JULY 2015 – REVISED AUGUST 2015
Table 2. Gain and Master or Slave
MASTER / SLAVE
GAIN
R1 (to GND)(1)
R2 (to GVDD)(1)
INPUT IMPEDANCE
MODE
Master
20 dB
5.6 k
Ω
OPEN
60 k
Ω
Master
26 dB
20 k
Ω
100 k
Ω
30 k
Ω
Master
32 dB
39 k
Ω
100 k
Ω
15 k
Ω
Master
36 dB
47 k
Ω
75 k
Ω
9 k
Ω
Slave
20 dB
51 k
Ω
51 k
Ω
60 k
Ω
Slave
26 dB
75 k
Ω
47 k
Ω
30 k
Ω
Slave
32 dB
100 k
Ω
39 k
Ω
15 k
Ω
Slave
36 dB
100 k
Ω
16 k
Ω
9 k
Ω
(1)
Resistor tolerance should be 5% or better.
Figure 12. Gain, Master or Slave
In master mode, the SYNC terminal is an output, in slave mode, SYNC terminal is an input for a clock input.
7.3.2 Input Impedance
The input stage of the TPA311xD2-Q1 family is a fully differential input stage, and the input impedance changes
with the gain setting from 9 k
Ω at 36-dB gain to 60 kΩ at 20-dB gain. Table 2 lists the values from mininimum to
maximum gain. The tolerance of the input resistor value is ±20%, so the minimum value is higher than 7.2 k
Ω.
The inputs must be ac-coupled to minimize the output dc offset and ensure correct ramping of the output
voltages during power ON and power OFF. The input ac-coupling capacitor together with the input impedance
forms a high-pass filter with the following cutoff frequency:
(1)
If a flat bass response is required down to 20 Hz, the recommended cutoff frequency is a tenth of that, 2 Hz.
Table 3 lists the recommended ac-coupling capacitors for each gain step. If –3 dB is accepted at 20 Hz, 10 times
lower capacitors can used – for example, a 1 µF can be used.
Table 3. Recommended Input AC-Coupling Capacitors
GAIN
INPUT IMPEDANCE
INPUT CAPACITANCE
HIGH-PASS FILTER
20 dB
60 k
Ω
1.5 µF
1.8 Hz
26 dB
30 k
Ω
3.3 µF
1.6 Hz
32 dB
15 k
Ω
5.6 µF
2.3 Hz
36 dB
9 k
Ω
10 µF
1.8 Hz
Figure 13. Input Impedance
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


同様の部品番号 - TPA3116D2-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
More results

同様の説明 - TPA3116D2-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com