データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3132D2RHBT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3132D2RHBT
部品情報  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3132D2RHBT データシート(HTML) 8 Page - Texas Instruments

Back Button TPA3132D2RHBT Datasheet HTML 4Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 5Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 6Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 7Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 8Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 9Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 10Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 11Page - Texas Instruments TPA3132D2RHBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power per Channel (W)
RL = 4 Ω
RL = 8 Ω
Gain = 26 dB
PVCC = 19 V
TA = 25 °C
f = 1 kHz
G007
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1 W
PO = 5 W
PO =10 W
Gain = 26 dB
PVCC = 19 V
TA = 25 °C
RL = 8 Ω
G005
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14 15
Total Output Power (W)
RL = 4 Ω
RL = 8 Ω
Gain = 26 dB
TA = 25 °C
PVCC = 7.4 V
G004
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1 W
PO = 2.5 W
PO = 5 W
Gain = 26 dB
PVCC = 7.4 V
TA = 25 °C
RL = 4 Ω
G002
0.001
0.01
0.1
1
10
0.01
0.1
1
10
Output Power per Channel (W)
RL = 4 Ω
RL = 8 Ω
Gain = 26 dB
PVCC = 7.4 V
TA = 25 °C
f = 1 kHz
G003
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 0.5 W
PO = 1 W
PO = 2.5 W
Gain =26 dB
PVCC = 7.4 V
TA = 25 °C
RL = 8 Ω
G001
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
6.7 Typical Characteristics
fs = 400 kHz (unless otherwise noted)
Figure 1. Total Harmonic Distortion + Noise (BTL) vs Output
Figure 2. Total Harmonic Distortion + Noise (BTL) vs
Power
Frequency
Figure 3. Power Efficiency (BTL) vs Supply Voltage
Figure 4. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Figure 5. Total Harmonic Distortion + Noise (BTL) vs Output
Figure 6. Total Harmonic Distortion + Noise (BTL) vs
Power
Frequency
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


同様の部品番号 - TPA3132D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3132D2 TI-TPA3132D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
More results

同様の説明 - TPA3132D2RHBT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com