データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3250D2DDW データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3250D2DDW
部品情報  70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3250D2DDW データシート(HTML) 11 Page - Texas Instruments

Back Button TPA3250D2DDW Datasheet HTML 7Page - Texas Instruments TPA3250D2DDW Datasheet HTML 8Page - Texas Instruments TPA3250D2DDW Datasheet HTML 9Page - Texas Instruments TPA3250D2DDW Datasheet HTML 10Page - Texas Instruments TPA3250D2DDW Datasheet HTML 11Page - Texas Instruments TPA3250D2DDW Datasheet HTML 12Page - Texas Instruments TPA3250D2DDW Datasheet HTML 13Page - Texas Instruments TPA3250D2DDW Datasheet HTML 14Page - Texas Instruments TPA3250D2DDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
2 Channel Output Power - W
0
50
100
150
200
0
5
10
15
20
25
30
D007
TA = 25qC
4:
8:
f - Frequency - Hz
-160
-140
-120
-100
-80
-60
-40
-20
0
5k
10k
20k
0
25k
30k
15k
35k
40k
45k 48k
D008
T A = 25qC
V ref = 22.627 V
FFT size = 16384
8:
TPA3250D2
www.ti.com
SLASE99 – DECEMBER 2015
Typical Characteristics, BTL Configuration (continued)
All Measurements taken at audio frequency = 1 kHz, PVDD_X = 32 V, GVDD_X = 12 V, RL = 8 Ω, fS = 450 kHz, ROC = 22 kΩ,
TA = 25°C, Output Filter: LDEM = 10 μH, CDEM = 1 µF, mode = 00, AES17 + AUX-0025 measurement filters,unless otherwise
noted.
8
Ω, VREF = 25.46 V (1% Output power)
FFT = 16384
RL = 4 Ω, 8 Ω
THD+N = 10%
TA = 25°C
AUX-0025 filter, 80 kHz analyzer BW
TA = 25°C
Figure 8. Noise Amplitude vs Frequency
Figure 7. System Power Loss vs Output Power
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3250D2


同様の部品番号 - TPA3250D2DDW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3250D2DDW TI1-TPA3250D2DDW Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2DDWR TI1-TPA3250D2DDWR Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

同様の説明 - TPA3250D2DDW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244 Datasheet
548Kb / 32P
[Old version datasheet]   100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com