データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3116D2 データシート(PDF) 1 Page - Texas Instruments

部品番号 TPA3116D2
部品情報  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2 データシート(HTML) 1 Page - Texas Instruments

  TPA3116D2_15 Datasheet HTML 1Page - Texas Instruments TPA3116D2_15 Datasheet HTML 2Page - Texas Instruments TPA3116D2_15 Datasheet HTML 3Page - Texas Instruments TPA3116D2_15 Datasheet HTML 4Page - Texas Instruments TPA3116D2_15 Datasheet HTML 5Page - Texas Instruments TPA3116D2_15 Datasheet HTML 6Page - Texas Instruments TPA3116D2_15 Datasheet HTML 7Page - Texas Instruments TPA3116D2_15 Datasheet HTML 8Page - Texas Instruments TPA3116D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LC Filter
LC Filter
Left
Right
4.5 V-26 V
PSU
Tuner AM/FM
CD/ MP3
Aux in
Left
Right
Audio Processor
And control
TPA 3116 D2
AM /FM Avoidance
Control
FAULTZ
SDZ
MUTE
Sync
Capable of synchronizing to other devices
GAIN/SLV
GAIN control and Master /Slave setting
AM2,1,0
PLIMIT
Power Limit
PBTL
Detect
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM
Avoidance
1 Features
3 Description
The TPA31xxD2 series are stereo efficient, digital
1
Supports Multiple Output Configurations
amplifier power stage for driving speakers up to 100
2 × 50 W Into a 4-
Ω BTL Load at 21 V
W / 2
Ω in mono. The high efficiency of the
(TPA3116D2)
TPA3130D2 allows it to do 2 × 15 W without external
2 × 30 W Into a 8-
Ω BTL Load at 24 V
heat sink on a single layer PCB. The TPA3118D2 can
even run 2 × 30 W / 8
Ω without heat sink on a dual
(TPA3118D2)
layer PCB. If even higher power is needed the
2 × 15 W Into a 8-
Ω BTL Load at 15 V
TPA3116D2 does 2 × 50 W / 4
Ω with a small heat-
(TPA3130D2)
sink attached to its top side PowerPAD. All three
Wide Voltage Range: 4.5 V to 26 V
devices share the same footprint enabling a single
PCB to be used across different power levels.
Efficient Class-D Operation
>90% Power Efficiency Combined With Low
The
TPA31xxD2
advanced
oscillator/PLL
circuit
Idle Loss Greatly Reduces Heat Sink Size
employs a multiple switching frequency option to
avoid AM interferences; this is achieved together with
Advanced Modulation Schemes
an option of either master or slave option, making it
Multiple Switching Frequencies
possible to synchronize multiple devices.
AM Avoidance
The TPA31xxD2 devices are fully protected against
Master and Slave Synchronization
faults
with
short-circuit
protection
and
thermal
Up to 1.2-MHz Switching Frequency
protection as well as overvoltage, undervoltage, and
DC protection. Faults are reported back to the
Feedback Power-Stage Architecture With High
processor to prevent devices from being damaged
PSRR Reduces PSU Requirements
during overload conditions.
Programmable Power Limit
Differential and Single-Ended Inputs
Device Information(1)
Stereo and Mono Mode With Single-Filter Mono
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Configuration
TPA3116D2
DAD (32)
11.00 mm × 6.20 mm
Single Power Supply Reduces Component Count
TPA3118D2
DAP (32)
11.00 mm × 6.20 mm
TPA3130D2
Integrated Self-Protection Circuits Including
(1) For all available packages, see the orderable addendum at
Overvoltage, Undervoltage, Overtemperature, DC-
the end of the datasheet.
Detect, and Short Circuit With Error Reporting
Thermally Enhanced Packages
Simplified Application Circuit
DAD (32-Pin HTSSOP Pad Up)
DAP (32-Pin HTSSOP Pad Down)
–40°C to 85°C Ambient Temperature Range
2 Applications
Mini-Micro Component, Speaker Bar, Docks
After-Market Automotive
CRT TV
Consumer Audio Applications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - TPA3116D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
More results

同様の説明 - TPA3116D2_15

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com