データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD-HSB(X)-7 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 AD-HSB(X)-7
部品情報  SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AD-HSB(X)-7 データシート(HTML) 2 Page - Diodes Incorporated

  AD-HSB(X)-7 Datasheet HTML 1Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 2Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 3Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 4Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 5Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 6Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 7Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 8Page - Diodes Incorporated AD-HSB(X)-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP9214L
Document number: DS38413 Rev. 1 - 2
2 of 17
www.diodes.com
December 2015
© Diodes Incorporated
AP9214L
Typical Applications Circuit (Note 4)
U1
AP9214L
(U-DFN2535-6)
BAT
P+
C1
100n
R2
2.7k
Ω
P-
VDD
VSS
S1
S2
VM
1(1)
2(2)
3(3)
4(5)
6(6)
R1
330
Ω to 470Ω
Note:
4.
R1 and C1 are used to stabilize the supply voltage of the AP9214L. The recommended range of R1 value is 330Ω to 470Ω and C1 value is 10nF to
1000nF, typical value is 100nF. R2 should be connected between P- to VM sense terminal to monitor the status of charger and the charge/discharge
current. The R2 should be between 300Ω and 4kΩ, typical value is 2.7kΩ. R1 and R2 are also used as current limit resistors if the battery or charger is
connected reversely. Polarity reversing may cause the power consumption of R1 and R2 to go over their power dissipation rating, therefore R1 and R2
values should be selected
appropriately for the actual application. If R2 is more than 4kΩ resistor, charge may not be off due to the voltage drop on R2.
For power-down mode, when first connecting AP9214L system board to the battery, it is necessary to use charger or to short P- to the battery negative
polarity. Once the AP9214L is activated, the charger or connection can be removed, otherwise the battery cannot discharge current through system
board.
The values selected should follow the recommended typical range mentioned above. It has not been confirmed whether the operation is normal or not in
circuits other than the above example of connection. In addition, the example of connection shown above and the typical value do not exactly guarantee
proper operation. Please perform the actual application to set the suitable value through your complete evaluation.
Pin Descriptions
Pin Number
Option 1
Pin Number
Option 2
Pin Name
Function
1
1
S1
Source pin of discharging MOSFET, connecting this pin to battery negative pole.
2
2
VSS
Negative power supply pin.
3
3
VDD
Positive power supply pin, connecting this pin to battery positive pole through R1.
4
5
VM
Charger negative input pin, short this pin to S2 pin through R2.
5
4
NC
Not connected, leave this pin floating.
6
6
S2
Source pin of charging MOSFET, connecting this pin to charge negative input.
EP
EP
Drain
Thermal PAD is common drain of charge and discharge MOSFET, so in PCB layout, prefer to
use large copper area to cover this pad for better thermal dissipation, then leave it open.
A (B)
A for Pin-out Option 1
B for Pin-out Option 2


同様の部品番号 - AD-HSB(X)-7

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
AD-0028S BOTHHAND-AD-0028S Datasheet
279Kb / 1P
   ADSL FREQUENCY FILTER INDUCTORS
logo
List of Unclassifed Man...
AD-011M ETC1-AD-011M Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
AD-018 ETC1-AD-018 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
logo
National Semiconductor ...
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
List of Unclassifed Man...
AD-049 ETC1-AD-049 Datasheet
45Kb / 3P
   SURSA TENSIUNE NEGATIVA -1.23V/-30V/1.5A
More results

同様の説明 - AD-HSB(X)-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
   HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com