データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV3001FZ4-7 データシート(PDF) 10 Page - Diodes Incorporated

部品番号 AZV3001FZ4-7
部品情報  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001FZ4-7 データシート(HTML) 10 Page - Diodes Incorporated

Back Button AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 10Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
10 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) Package Type: X2-DFN1410-6
(2)U-FLGA1616-8
(3)SO-8
1
X1
Y1
Y
X
G
C
X4
X3
X5
C
X
Y1(6x)
X1(5x)
X2(2x)
Y(2x)
G1
Y2
G
X
C1
C2
Y
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
Dimensions
Value
(in mm)
C
0.500
G
0.700
G1
0.210
X
0.400
X1
0.300
X2
0.500
X3
1.300
X4
1.700
X5
1.400
Y
0.300
Y1
0.500
Y2
1.720
Dimensions Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27


同様の部品番号 - AZV3001FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

同様の説明 - AZV3001FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com