データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV3001FZ4-7 データシート(PDF) 3 Page - Diodes Incorporated

部品番号 AZV3001FZ4-7
部品情報  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001FZ4-7 データシート(HTML) 3 Page - Diodes Incorporated

  AZV3001FZ4-7 Datasheet HTML 1Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 2Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
3 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
DC Electrical Characteristics (VCC=1.6V to 5.5V, VEE=0V; VCM=0.5VCC unless otherwise specified.)
+25°C
-40°C to +85°C
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Max
Units
VHYST
Hysteresis Voltage
-
6
9
13
-
-
mV
VCC=1.3V
20
-
-
-
mV
VI(offset)
Offset Input Voltage
-
-30
0.5
+30
-30
+30
mV
VCC=1.3V
-
3
-
-
-
mV
VOH
High-Level Output Voltage
IO = -0.5mA; VCC = 1.3V
-
1.24
-
-
-
V
IO = -0.5mA; VCC = 1.6V
-
1.55
-
1.35
-
V
IO = -3mA; VCC = 3.0V
-
2.85
-
2.7
-
V
IO = -5mA; VCC = 5.5V
-
5.33
-
5.2
-
V
VOL
Low-Level Output Voltage
IO = -0.5mA; VCC = 1.3V
-
0.05
-
-
-
V
IO = -0.5mA; VCC = 1.6V
-
0.04
-
-
0.25
V
IO = -3mA; VCC = 3.0V
-
0.14
-
-
0.3
V
IO = -5mA; VCC = 5.5V
-
0.2
-
-
0.3
V
VCM
Common-Mode Voltage
VCC = 1.3V to 5.5V
-
VEE to
VCC
-
-
-
V
IOS
Output Short-Circuit Current
VCC = 5.5V;
VO = VEE or VCC
-
68
-
-
-
mA
CMRR
Common-Mode Rejection Ratio
∆VCM = VCC
-
70
-
-
-
dB
PSRR
Power Supply Rejection Ratio
∆VCC = 1.95V
45
80
-
-
-
dB
IIB
Input Bias Current
-
-
1
-
-
-
pA
ICC
Supply Current
– AZV3001
-
-
6
-
-
9
µA
Supply Current
– AZV3002
-
-
9
12
µA
AC Electrical Characteristics (VCC=1.6V to 5.5V, VEE=0V; VCM=0.5VCC unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tpd
Propagation Delay
20mV Overdrive; CL=15pF
0.8
µs
tTHL
High to Low Output Transition Time
VCC=5.5V; CL-50pF
10
ns
tTLH
Low to High Output Transition Time
VCC=5.5V; CL=50pF
10
ns


同様の部品番号 - AZV3001FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

同様の説明 - AZV3001FZ4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com