データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV5001RA4-7 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 AZV5001RA4-7
部品情報  Low-Power Headset Detection IC in Miniaturized Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV5001RA4-7 データシート(HTML) 1 Page - Diodes Incorporated

  AZV5001RA4-7 Datasheet HTML 1Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 2Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 3Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 4Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 5Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 6Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 7Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 8Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AZV5001
Document number: DS37993 Rev. 2 - 2
1 of 12
www.diodes.com
August 2015
© Diodes Incorporated
AZV5001
Low-Power Headset Detection IC in Miniaturized Package
Description
The AZV5001 is a low-power and cost-effective headset detection IC
containing a comparator with internal hysteresis, OR gate, and
N−channel integrated MOSFET, designed to detect the insertion of a
headset with a microphone.
Pull−up resistors for the detection pins are internalized; a built-in resistor
divider provides the reference voltage for detecting the left audio channel.
The logic low output of the OR gate indicates the headset is connected
properly.
The AZV5001 is available in a miniaturized DFN1210-6 package, which
helps reduce the space needed on PCB boards.
Features
Low Supply Current: 7.5µA(typical) @ VCC = 1.8V
Supply Voltage Range: 1.6~5.0V
Comparator, OR Gate, N-Channel MOSFET Integrated
Open Drain Output for MIC Pin
DFN1210-
6: Available in “Green” Molding Compound (No Br. Sb.)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
AZV5001
1
2
3
4
5
6
GND
MIC
G_Detect
OUT
VCC
L_Detect
Top View
(DFN1210-6)
Figure 1
Applications
Mobile Phones
Tablets
Battery Powered Devices
Alarm and Security Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


同様の部品番号 - AZV5001RA4-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
AZV5002DS-7 DIODES-AZV5002DS-7 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
More results

同様の説明 - AZV5001RA4-7

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com