データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040B25QFTA データシート(PDF) 9 Page - Diodes Incorporated

部品番号 LM4040B25QFTA
部品情報  AUTOMOTIVE GRADE PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040B25QFTA データシート(HTML) 9 Page - Diodes Incorporated

Back Button LM4040B25QFTA Datasheet HTML 3Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 4Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 5Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 6Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 7Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 8Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 9Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 10Page - Diodes Incorporated LM4040B25QFTA Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LM4040Q
Document number: DS36989 Rev. 1 - 2
9 of 11
www.diodes.com
October 2015
© Diodes Incorporated
LM4040Q
Application Information
In a conventional shunt regulator application (Figure 1), an external series resistor (RS) is connected between the supply voltage, VS, and the
LM4040.
RS determines the current that flows through the load (IL) and the LM4040 (IR). Since load current and supply voltage may
vary, RS should be small enough to supply at least the minimum acceptable IR to the LM4040 even when the supply voltage
is at its minimum and the load current is at its maximum value. When the supply voltage is at its maximum and IL is at its
minimum, RS should be large enough so that the current flowing through the LM4040 is less than 15 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the LM4040’s reverse
breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
Printed circuit board layout considerations
LM4040Qs in the SOT23 package have the die attached to pin 1, which results in an electrical contact between pin 2 and pin
3. Therefore, pin 1 of the SOT-23 package must be left floating or connected to pin 2.
Ordering Information
Order Code
+25°C
Tol
Voltage
(V)
Package
(Note 6)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 7)
Quantity Tape Width Part Number Suffix
LM4040B25QFTA
0.2%
2.5
SOT23
F
R2B
3,000
8mm
TA
Automotive Grade
LM4040B30QFTA
3.0
SOT23
F
R3B
3,000
8mm
TA
Automotive Grade
LM4040B50QFTA
5.0
SOT23
F
R5B
3,000
8mm
TA
Automotive Grade
LM4040C25QFTA
0.5%
2.5
SOT23
F
R2C
3,000
8mm
TA
Automotive Grade
LM4040C30QFTA
3.0
SOT23
F
R3C
3,000
8mm
TA
Automotive Grade
LM4040C50QFTA
5.0
SOT23
F
R5C
3,000
8mm
TA
Automotive Grade
LM4040D25QFTA
1%
2.5
SOT23
F
R2D
3,000
8mm
TA
Automotive Grade
LM4040D30QFTA
3.0
SOT23
F
R3D
3,000
8mm
TA
Automotive Grade
LM4040D50QFTA
5.0
SOT23
F
R5D
3,000
8mm
TA
Automotive Grade
Note:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
7
. LM4040Q is classified as “Automotive Grade” and supports PPAP documentation. See LM4040 datasheet for commercial qualified versions.
RS
VS
IR +
IL
IR
IL
VR


同様の部品番号 - LM4040B25QFTA

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
LM4040B25FTA ZETEX-LM4040B25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25FTA DIODES-LM4040B25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040B25H5TA ZETEX-LM4040B25H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040B25H5TA DIODES-LM4040B25H5TA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Texas Instruments
LM4040B25IDBZR TI1-LM4040B25IDBZR Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040B25QFTA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com