データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K1050GURP データシート(PDF) 3 Page - Littelfuse

部品番号 K1050GURP
部品情報  Standard Unidirectional SIDACs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K1050GURP データシート(HTML) 3 Page - Littelfuse

  K1050GURP Datasheet HTML 1Page - Littelfuse K1050GURP Datasheet HTML 2Page - Littelfuse K1050GURP Datasheet HTML 3Page - Littelfuse K1050GURP Datasheet HTML 4Page - Littelfuse K1050GURP Datasheet HTML 5Page - Littelfuse K1050GURP Datasheet HTML 6Page - Littelfuse K1050GURP Datasheet HTML 7Page - Littelfuse K1050GURP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Revised: 08/11/15
Specifications are subject to change without notice.
©2015 Littelfuse, Inc
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Kxxx0yU SIDAC Series
3
Figure 3: Power Dissipation vs. On-state Current
(Typical)
Pulse Base Width (t
O) - us
1
10
100
1000
1.010.0100.0
1000.0
5 Hz
60 Hz
5 kHz
120 Hz
1 kHz
di/dt Limit Line
I
TM
t
O
1/f
Figure 5: Repetitive Peak On-state Current(ITRM)
vs. Pulse Width at Various Frequencies of
K0820yU/K0900yU
1
10
100
110100
1000
Surge Current Duration -- Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: I
T RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Figure 4: Peak Non-repetitive Surge Current (I
TSM)
vs. Number of Cycles
Figure 7: Normalized V
BO Change vs. Junction
Temperature
Junction Temperature (T
J) -- °C
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
-40.00.0
40.0
80.0
120.0
160.0
K0xx0yU
K1xx0yU
K2000yU
K2200yU~K2500yU
Figure 8: Normalized DC Holding Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) -- °C
125
0.0
0.10.2
0.30.4
0.50.6
0.71.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
RMS On-state Current [I
T(RMS)] - Amps
0.80.9
Pulse Base Width (t
O) - us
1
10
100
1000
1.010.0100.0
1000.0
5 Hz
60 Hz
5 kHz
120 Hz
1 kHz
di/dt Limit Line
I
TM
t
O
1/f
Figure 6: Repetitive Peak On-state Current (ITRM)
vs. Pulse Width at Various Frequencies of
K1050yU~K2500yU


同様の部品番号 - K1050GURP

メーカー部品番号データシート部品情報
logo
Teccor Electronics
K1050G TECCOR-K1050G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1050G TECCOR-K1050G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1050G LITTELFUSE-K1050G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K1050G BILIN-K1050G Datasheet
322Kb / 5P
   SIDAC
logo
Changzhou Shunye Electr...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
More results

同様の説明 - K1050GURP

メーカー部品番号データシート部品情報
logo
Littelfuse
KXXX1GL LITTELFUSE-KXXX1GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K2200GRP LITTELFUSE-K2200GRP Datasheet
1Mb / 12P
   Standard Bidirectional SIDACs
K2000F23 LITTELFUSE-K2000F23 Datasheet
431Kb / 12P
   Standard Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
logo
New Jersey Semi-Conduct...
G105 NJSEMI-G105 Datasheet
84Kb / 1P
   SIDACs
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
EIC discrete Semiconduc...
G105C EIC-G105C Datasheet
114Kb / 1P
   SIDACs
logo
Littelfuse
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2400GH LITTELFUSE-K2400GH Datasheet
247Kb / 10P
   High Energy Bidirectional SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com