データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX-3511-11WR データシート(PDF) 1 Page - Aries Electronics, Inc.

部品番号 XX-3511-11WR
部品情報  Series 511 Standard DIP Socket w/Bifurcated Contacts & Solder Pin Tails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

XX-3511-11WR データシート(HTML) 1 Page - Aries Electronics, Inc.

  XX-3511-11WR Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12004
Rev. 5.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR WIRE WRAP PINS, SEE DATA SHEETS 12005
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• BifurcatedContactswithSolderTailorWireWrapPins
GENERAL SPECIFICATIONS
STANDARD BODY:BlackUL94V-0Glass-filled4/6Nylon
BIFURCATED CONTACTS:GradeASpring-temperedPhosphorBronzeperQQ-B-750
PIN PLATING:50-130µmin.matteSnperASTMB545-97(2004)e1over50µNiperSAEAMS-
QQ-N-290B;
–OR–50-130µ90/10Sn/PbperMIL-T-10727Type1over50µNiperSAEAMS-
QQ-N-290B;
–OR–10µ[0.25µ]min.AuperMIL-G-45204over50µNiperSAEAMS-QQ-N-290B
CONTACT CURRENT RATING:1amp
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]Sn;-67°Fto
257°F[-55°C125°C]Au
INSERTION FORCE:110g/pinaverage
WITHDRAWAL FORCE:75g/pinaverage
ACCEPTS LEADS:Flatupto0.014thickx0.020wide[0.36x0.51],Roundupto
0.020 [0.51] dia.
LEAD LENGTHS:acceptslengthsfromseatingplanefrom0.075-0.160[1.91-
4.06]
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ± 0.05] dia.
Series 511 Standard DIP Socket
w/Bifurcated Contacts & Solder Pin Tails
ORDERING INFORMATION
XX-X 511-X XXX XX
Rails Option
WR=WithoutRails
Plating
0=Sn
1=Au
0TL=Sn/Pb
Termination
1=SolderPinTail
Series
Row-to-Row Spacing(Dim.“C”)
2 = 0.200 [5.08]
3 = 0.300 [7.62]
4 = 0.400 [10.16]
6 = 0.600 [15.24]
No. of Pins
(SeeTable)
Centers “C”
Width “D”
Available Sizes
0.200 [5.08]
0.290 [7.36]
8, 10
0.300 [7.62]
0.390 [9.90]
8, 14-20
0.400 [10.16]
0.490 [12.45]
22
0.600 [15.24]
0.690 [17.54]
8-24, 28-40, 48


同様の部品番号 - XX-3511-11WR

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
XX-3501-20TLWR ARIES-XX-3501-20TLWR Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
XX-3501-20WR ARIES-XX-3501-20WR Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
XX-3501-21WR ARIES-XX-3501-21WR Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
XX-3501-30TLWR ARIES-XX-3501-30TLWR Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
XX-3501-30WR ARIES-XX-3501-30WR Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
More results

同様の説明 - XX-3511-11WR

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
12008 ARIES-12008 Datasheet
572Kb / 1P
   Series 511 Strip-Line Socket w/Bifurcated Contacts & Solder Pin Tails
14-511-11 ARIES-14-511-11 Datasheet
330Kb / 1P
   Series 511 Standard DIP Sockets with Solder Tail Bifurcated Contacts
13006 ARIES-13006 Datasheet
633Kb / 1P
   Series 8 Elevator Socket w/Bifurcated Contacts & Solder Pin Tails
12010 ARIES-12010 Datasheet
611Kb / 1P
   Series 700 Elevator Strip-Line??Socket w/Bifurcated Contacts & Solder Pin Tails
12005 ARIES-12005 Datasheet
610Kb / 1P
   Series 501 Standard DIP Socket w/Bifurcated Contacts & Wire Wrap Pins
12024 ARIES-12024 Datasheet
856Kb / 2P
   EJECT-A-DIP Lock/Eject DIP Socket w/Collet Contacts & Solder Pin Tails
501 ARIES-501 Datasheet
610Kb / 1P
   Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
13007 ARIES-13007 Datasheet
667Kb / 1P
   Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
13008 ARIES-13008 Datasheet
978Kb / 1P
   Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
12013 ARIES-12013 Datasheet
543Kb / 1P
   Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com