データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT564 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ACT564
部品情報  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT564 データシート(HTML) 3 Page - National Semiconductor (TI)

  54ACT564 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC +0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC +0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC +0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC +0.5V
DC Output Source or Sink Current
(I
O)
±50 mA
DC V
CC or Ground Current
Per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
(Unless Otherwise Specified) (ACT)
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
’ACT Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACTcircuits outside databook specifications.
DC Characteristics for ’ACT Family Devices
54ACT
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High
Level Input
Voltage
4.5
2.0
V
V
OUT = 0.1V
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low
Level Input
Voltage
4.5
0.8
V
V
OUT = 0.1V
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High
Level
4.5
4.4
V
I
OUT = −50 µA
5.5
5.4
(Note 2)
V
IN = VIL or VIH
4.5
3.70
V
I
OH
−24 mA
5.5
4.70
−24 mA
V
OL
Maximum Low
Level Output
Voltage
4.5
0.1
V
I
OUT = 50 µA
5.5
0.1
(Note 2)
V
IN = VIL or VIH
4.5
0.50
V
I
OL
24 mA
5.5
0.50
24 mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
OZ
Maximum
TRI-STATE
Leakage Current
5.5
±10.0
µA
V
I = VIL,VIH
V
O = VCC, GND
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC − 2.1V
I
OLD
(Note 3) Minimum
Dynamic Output
Current
5.5
50
mA
V
OLD = 1.65V
I
OHD
5.5
−50
mA
V
OHD = 3.85V
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND
Note 2: All outputs loaded; thresholds on input associated with output under test.
www.national.com
3


同様の部品番号 - 54ACT564

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT563 NSC-54ACT563 Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT563D NSC-54ACT563D Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT563F NSC-54ACT563F Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
54ACT563L NSC-54ACT563L Datasheet
159Kb / 6P
   Octal Latch with TRI-STATE Outputs
More results

同様の説明 - 54ACT564

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com