データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7124-4 データシート(PDF) 7 Page - Analog Devices

部品番号 AD7124-4
部品情報  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7124-4 データシート(HTML) 7 Page - Analog Devices

Back Button AD7124-4 Datasheet HTML 3Page - Analog Devices AD7124-4 Datasheet HTML 4Page - Analog Devices AD7124-4 Datasheet HTML 5Page - Analog Devices AD7124-4 Datasheet HTML 6Page - Analog Devices AD7124-4 Datasheet HTML 7Page - Analog Devices AD7124-4 Datasheet HTML 8Page - Analog Devices AD7124-4 Datasheet HTML 9Page - Analog Devices AD7124-4 Datasheet HTML 10Page - Analog Devices AD7124-4 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
Data Sheet
AD7124-4
Rev. A | Page 7 of 90
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS9
Differential Input Voltage Ranges10
±VREF/gain
V
VREF = REFINx(+) − REFINx(−), or
internal reference
Absolute AIN Voltage Limits2
Gain = 1 (Unbuffered)
AVSS − 0.05
AVDD + 0.05
V
Gain = 1 (Buffered)
AVSS + 0.1
AVDD − 0.1
V
Gain > 1
AVSS − 0.05
AVDD + 0.05
V
Analog Input Current
Gain > 1 or Gain = 1 (Buffered)
Low Power Mode
Absolute Input Current
±1
nA
Differential Input Current
±0.2
nA
Analog Input Current Drift
25
pA/°C
Mid Power Mode
Absolute Input Current
±1.2
nA
Differential Input Current
±0.4
nA
Analog Input Current Drift
25
pA/°C
Full Power Mode
Absolute Input Current
±3.3
nA
Differential Input Current
±1.5
nA
Analog Input Current Drift
25
pA/°C
Gain = 1 (Unbuffered)
Current varies with input voltage
Absolute Input Current
±2.65
µA/V
Analog Input Current Drift
1.1
nA/V/°C
REFERENCE INPUT
Internal Reference
Initial Accuracy
2.5 − 0.2%
2.5
2.5 + 0.2%
V
TA = 25°C
Drift
2
10
ppm/°C
TSSOP
2
15
ppm/°C
LFCSP
Output Current
10
mA
Load Regulation
50
µV/mA
Power Supply Rejection
85
dB
External Reference
External REFIN Voltage2
1
2.5
AVDD
V
REFIN = REFINx(+) − REFINx(−)
Absolute REFIN Voltage Limits2
AVSS − 0.05
AVDD + 0.05
V
Unbuffered
AVSS + 0.1
AVDD − 0.1
V
Buffered
Reference Input Current
Buffered
Low Power Mode
Absolute Input Current
±0.5
nA
Reference Input Current Drift
10
pA/°C
Mid Power Mode
Absolute Input Current
±1
nA
Reference Input Current Drift
10
pA/°C
Full Power Mode
Absolute Input Current
±3
nA
Reference Input Current Drift
10
pA/°C
Unbuffered
Absolute Input Current
±12
µA
Reference Input Current Drift
6
nA/°C
Normal Mode Rejection
Same as for analog inputs
Common-Mode Rejection
100
dB


同様の部品番号 - AD7124-4

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4TRUZ-EP AD-AD7124-4TRUZ-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4TRUZ-EP-R7 AD-AD7124-4TRUZ-EP-R7 Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results

同様の説明 - AD7124-4

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com