データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF5904WCCPZ-RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 ADF5904WCCPZ-RL7
部品情報  4-Channel, 24 GHz,Receiver Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF5904WCCPZ-RL7 データシート(HTML) 6 Page - Analog Devices

Back Button ADF5904WCCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF5904WCCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADF5904
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 GND
23 RX3_RF
22 GND
21 AVDD
20 GND
19 RX4_RF
18 GND
17 RX4_O
1
2
3
4
5
6
7
8
GND
RX1_RF
GND
AVDD
GND
RX2_RF
GND
RX2_O
TOP VIEW
(Not to Scale)
ADF5904
NOTES
1. THE LFCSP HAS AN EXPOSED PAD
THAT MUST BE CONNECTED TO GND.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 7, 18, 20,
22, 24, 28, 30
GND
Ground Pins.
2
RX1_RF
Channel 1 RF Input.
4, 21, 27
AVDD
Analog Power Supply. The supply range is 3.3 V ± 5%. Place decoupling capacitors (0.1 µF, 1 nF, and 10 pF)
to the ground plane as close as possible to this pin.
6
RX2_RF
Channel 2 RF Input.
8
RX2_O
Channel 2 Baseband Output.
9
RX2_OB
Channel 2 Complementary Baseband Output.
10
LE
Load Enable, CMOS Input. When LE goes high, data stored in the shift registers is loaded into one of the
four latches; the control bits select the latch.
11
CLK
Serial Clock Input. This serial clock clocks in the serial data to the registers. Data latches into the 32-bit
shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
DATA
Serial Data Input. The serial data loads MSB first and the two LSBs are the control bits.
This input is a high impedance CMOS input.
13
CE
Chip Enable. A logic low on this pin powers down the device.
14
DOUT
Serial Data Output.
15
ATEST
Analog Test Output
16
RX4_OB
Channel 4 Complementary Baseband Output.
17
RX4_O
Channel 4 Baseband Output.
19
RX4_RF
Channel 4 RF Input.
23
RX3_RF
Channel 3 RF Input.
25
RX3_O
Channel 3 Baseband Output.
26
RX3_OB
Channel 3 Complementary Baseband Output.
29
LO_IN
Local Oscillator Input.
31
RX1_OB
Channel 1 Complementary Baseband Output.
32
RX1_O
Channel 1 Baseband Output.
EPAD
Exposed Pad. The LFCSP has an exposed pad that must be connected to GND.
Rev. 0 | Page 6 of 15


同様の部品番号 - ADF5904WCCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF5904WCCPZ-RL7 AD-ADF5904WCCPZ-RL7 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
More results

同様の説明 - ADF5904WCCPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
UG-791 AD-UG-791 Datasheet
714Kb / 14P
   Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
logo
Analog Devices
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
   17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572 HITTITE-HMC572_09 Datasheet
269Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com