データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2166-B22 データシート(PDF) 2 Page - Silicon Laboratories

部品番号 SI2166-B22
部品情報  DVB-S/S2 Satellite TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2166-B22 データシート(HTML) 2 Page - Silicon Laboratories

  SI2166-B22 Datasheet HTML 1Page - Silicon Laboratories SI2166-B22 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Demodulator
Copyright © 2015 by Silicon Laboratories
10.29.2015
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si2166-B22
DVB-S/S2 Satellite TV Demodulator
Selected Electrical Specifications
(TA = –10 to 75 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption
DVB-S1
230
mW
DVB-S22
465
mW
Thermal resistance, JA
2 layer PCB
32
°C/W
4 layer PCB
23
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 30 MBaud, CR = 7/8, parallel TS (at QEF: BER = 2. 10–4).
2. Test conditions: 32 MBaud, 3/5 Code Rate, 8PSK, pilots On, parallel TS, C/N at picture failure.
Pin Assignments
Selection Guide
Part Number
Description
Si2166-B22-GM
Satellite TV Demodulator for DVB-S/S2, 7x7 mm QFN-48.
Si2166B
(GND_PAD)
QFN-48
7x7mm
34
35
36
21
22
23
24
3
4
5
33
20
6
32
7
28
29
30
31
27
8
9 10 11 12
15
16
17
18
19
40
39
38
37
41
46
45
44
43
42
S_ADC_IP
S_ADC_IN
S_ADC_QP
S_ADC_QN
SDA_MAST
SCL_MAST
NC
NC
NC
TS_DATA[1]
TS_DATA[5]
TS_DATA[4]
TS_DATA[3]
GND
VDD_VIO
TS_DATA[2]
TS_DATA[0]/TS_SER
TS_CLK
TS_SYNC
47
14
48
13
2
1
26 25
TS_DATA[6]
CLK_IN_OUT
GND
VDD_VCORE
VDD_VCORE


同様の部品番号 - SI2166-B22

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
SI2166-B22-GM SKYWORKS-SI2166-B22-GM Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results

同様の説明 - SI2166-B22

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
SI21662-B22 SILABS-SI21662-B22 Datasheet
164Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
SI2166-D60 SILABS-SI2166-D60 Datasheet
64Kb / 2P
   DVB-S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21662-B22 SKYWORKS-SI21662-B22 Datasheet
149Kb / 2P
   Dual DVB-S/S2 Digital TV Demodulator
August 11, 2021
logo
Silicon Laboratories
SI21662-D60 SILABS-SI21662-D60 Datasheet
64Kb / 2P
   Dual DVB-S/S2/S2X Digital TV Demodulator
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2169-B40 SILABS-SI2169-B40 Datasheet
163Kb / 2P
   DVB-T2/T/C/S/S2 Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-B22 SKYWORKS-SI21672-B22 Datasheet
153Kb / 3P
   Dual DVB-T/C/S/S2 Digital TV Demodulator
August 22, 2021
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com