データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31704 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ31704
部品情報  Simple Switcher짰 Power Module Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31704 データシート(HTML) 3 Page - Texas Instruments

  LMZ31704 Datasheet HTML 1Page - Texas Instruments LMZ31704 Datasheet HTML 2Page - Texas Instruments LMZ31704 Datasheet HTML 3Page - Texas Instruments LMZ31704 Datasheet HTML 4Page - Texas Instruments LMZ31704 Datasheet HTML 5Page - Texas Instruments LMZ31704 Datasheet HTML 6Page - Texas Instruments LMZ31704 Datasheet HTML 7Page - Texas Instruments LMZ31704 Datasheet HTML 8Page - Texas Instruments LMZ31704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Test Point Descriptions
The Controls test points located directly below the device are made available to test the features of the
device. Any external connections made to these test points should be referenced to the Control Ground
test point located along the bottom of the EVM. Refer to the Test Points Descriptions section of this guide
for more information on the individual control test points.
The Vout Select jumper (P3) and Fsw Select jumper (P2) are provided for selecting the desired output
voltage and appropriate switching frequency. Before applying power to the EVM, ensure that the jumpers
are present and properly positioned for the intended output voltage. Refer to Table 1 for the recommended
jumper settings. Always remove input power before changing the jumper settings.
Once the jumper settings have been confirmed, configure the host input supply to apply the appropriate
bus voltage listed in Table 1 and confirm that the selected output voltage is obtained.
Table 1. Output Voltage and Switching Frequency Jumper Settings
Vout Select
Fsw Select
PVin Bus Voltage
5.0 V
1 MHz
12 V
3.3 V
750 kHz
5 V or 12 V
2.5 V
750 kHz
5 V or 12 V
1.8 V
500 kHz
5 V or 12 V
1.2 V
300 kHz
5 V or 12 V
0.9 V
250 kHz
5 V or 12 V
0.6 V
200 kHz
5 V or 12 V
3
Test Point Descriptions
Twelve wire-loop test points and two scope probe test points have been provided as convenient
connection points for digital voltmeters (DVM) or oscilloscope probes to aid in the evaluation of the device.
A description of each test point follows:
Table 2. Test Point Descriptions
(1)
PVIN
Input voltage monitor. Connect DVM to this point for measuring efficiency.
VOUT
Output voltage monitor. Connect DVM to this point for measuring efficiency, line regulation,
and load regulation.
AGND
Input and output voltage monitor grounds (located between terminal blocks). Reference the
above DVMs to any of these four analog ground points.
PVIN Scope (J1)
Input voltage scope monitor. Connect an oscilloscope to this set of points to measure input
ripple voltage.
VOUT Scope (J2)
Output voltage scope monitor. Connect an oscilloscope to this set of points to measure output
ripple voltage and transient response.
PWRGD
Monitors the power good signal of the device. This is an open drain signal that requires an
external pullup resistor if monitoring is desired. A 10-k
Ω to 100-kΩ pullup resistor is
recommended. PWRGD is high if the output voltage is within 92% to 107% of its nominal
value.
INH/UVLO
Connect this point to control ground to inhibit the device. Allow this point to float to enable the
device. An external resistor divider can be connected between this point, control ground, and
Vin to adjust the UVLO of the device.
RT/CLK
Connects to the RT/CLK pin of the device. An external clock signal can be applied to this
point to synchronize the device to an appropriate frequency.
SS/TR
Connects to the internal slow-start capacitor of the device. An external capacitor can be
connected from this point to control ground to increase the slow-start time of the device. This
point can also be used as for tracking applications.
SYNC_OUT
This output provides a clock signal that is 180º out of phase with the PH node of the device
and can be used to synchronize other devices.
AGND
Control ground (located along bottom of EVM). Reference any signals associated with the
control test points to this analog ground point.
(1)
Refer to the LMZ317xx datasheet for absolute maximum ratings associated with above features.
3
SLVU895A – March 2013 – Revised June 2013
LMZ31710, LMZ31707 and LMZ31704 Simple Switcher® Power Module
Evaluation Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


同様の部品番号 - LMZ31704

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704RVQR TI1-LMZ31704RVQR Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704RVQT TI1-LMZ31704RVQT Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

同様の説明 - LMZ31704

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ14203 NSC-LMZ14203_2 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com