データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB115S56K データシート(PDF) 3 Page - SL Power Electronics

部品番号 LB115S56K
部品情報  Meets IEC61000-3-2 Class C for less than 1 Watt to full power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SLPOWER [SL Power Electronics]
ホームページ  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S56K データシート(HTML) 3 Page - SL Power Electronics

  LB115S56K Datasheet HTML 1Page - SL Power Electronics LB115S56K Datasheet HTML 2Page - SL Power Electronics LB115S56K Datasheet HTML 3Page - SL Power Electronics LB115S56K Datasheet HTML 4Page - SL Power Electronics LB115S56K Datasheet HTML 5Page - SL Power Electronics LB115S56K Datasheet HTML 6Page - SL Power Electronics LB115S56K Datasheet HTML 7Page - SL Power Electronics LB115S56K Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
3
Safety Standard Compliance
Agency
CONDITIONS
UL
EN/CSA/UL/IEC 60950-1, 2
nd Edition
CSA
CSA 60950-1, 2
nd
Demko
EN 60950-1, 2nd
CB Report
IEC 60950-1, 2nd
Isolation Type:
Double/Reinforced between Input and Output
Isolation Specifications
PARAMETER
CONDITIONS
Rating
NOTES
Insulation Safety
Rating:
Input to Ground
Basic Insulation
Input to Output
Double/Reinforced
Electric Strength Test
Voltage:
Input to Ground
1900Vac
Input to Output
3000Vac
Output to Ground
500Vac
.
Environmental Specifications
PARAMETER
SPECIFICATION
NOTES
Operating
Temperature:
-20°C to +70°C
-40°C Startup guaranteed
Temperature Derating:
60% derating at 70°C
Cooling:
Convection/ Airflow
75 Watts convection
Storage Temperature:
-40°C to +85°C
Altitude:
Operating: -500 to 3,000 meter
Non-operating: -500 to 40,000 ft.
Relative Humidity:
5% to 95%, non-condensing
Shock:
Non-Operating: Half-sine, 40 gpk, 10mS, 3 axes, 6
shocks total
Vibration:
Random vibration per MIL-STD-810E, Method
514.4, Cat. 1, Figure 514.4-1, 1 hr in each of three
axes
Reliability Specifications
PARAMETER
SPECIFICATION
NOTES
MTBF:
574K hours, 25°C ambient, full load
Calculation is done based on
Telcordia.
Reports
for
each
model is available
Warranty:
3 Years
Limited
HALT Data:
Per SL Power Halt procedure
Report is available


同様の部品番号 - LB115S56K

メーカー部品番号データシート部品情報
logo
SL Power Electronics
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
   115W Single Output
More results

同様の説明 - LB115S56K

メーカー部品番号データシート部品情報
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
   IEC61000-3-2 Class D Standards Compliant
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA68R0LBMB0 MURATA-NTPA68R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com