データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1100 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 TS1100
部品情報  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1100 データシート(HTML) 9 Page - Silicon Laboratories

Back Button TS1100 Datasheet HTML 5Page - Silicon Laboratories TS1100 Datasheet HTML 6Page - Silicon Laboratories TS1100 Datasheet HTML 7Page - Silicon Laboratories TS1100 Datasheet HTML 8Page - Silicon Laboratories TS1100 Datasheet HTML 9Page - Silicon Laboratories TS1100 Datasheet HTML 10Page - Silicon Laboratories TS1100 Datasheet HTML 11Page - Silicon Laboratories TS1100 Datasheet HTML 12Page - Silicon Laboratories TS1100 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OUT Low Voltage
VAOL
TS1100 and
TS1101
Gain = 25
5
mV
Gain = 50
10
Gain = 100
20
Gain = 200
40
TS1102 and
TS1103
Gain = 25
7.5
Gain = 50
15
Gain = 100
30
Gain = 200
60
OUT High Voltage
VAOH
VOH = VRS– – VOUT
0.05
0.2
V
Sign Comparator Parameters (TS1106 Only)
Output Low Voltage
VCOL
VDD = 1.25 V, ISINK = 5 µA
0.2
V
VDD = 1.8 V, ISINK = 35 µA
Output High Voltage
VCOH
VDD = 1.25 V, ISOURCE = 5 µA
VDD – 0.2
V
VDD = 1.8 V, ISOURCE = 35 µA
Notes:
1. VRS+ = 3.6 V; VSENSE = (VRS+ – VRS–) = 0 V; COUT = 47 nF; VDD = 1.8 V; TA = –40 °C to +105 °C, unless otherwise noted.
Typical values are at TA = +25 °C.
2. Extrapolated to VOUT=0V. IRS++IRS- is the total current into the RS+ and the RS– pins.
3. Input offset voltage VOS is extrapolated from a VOUT(+) measurement with VSENSE set to +1 mV and a VOUT(–) measurement with
VSENSE set to -1mV; vis-a-viz, Average VOS = (VOUT(–) – VOUT(+))/(2 x GAIN).
4. Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
5. Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the ideal transfer
characteristic. TS1100 and TS1102 only applies positive VSENSE values.
For GAIN = 25, the applied VSENSE is 20 mV and 120 mV.
For GAIN = 50, the applied VSENSE is 10 mV and 60 mV.
For GAIN = 100, the applied VSENSE is 5 mV and 30 mV.
For GAIN = 200, the applied VSENSE is 2.5 mV and 15 mV.
6. The device is stable for any capacitance load at VOUT.
TS1100/01/02/03 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


同様の部品番号 - TS1100

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
logo
Touchstone Semiconducto...
TS1100-100 TOUCHSTONE-TS1100-100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100-100-EG6 SILABS-TS1100-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100-EG6T SILABS-TS1100-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - TS1100

メーカー部品番号データシート部品情報
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com