データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACTQ16646 データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ACTQ16646
部品情報  16-Bit Transceiver/Register with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ16646 データシート(HTML) 8 Page - National Semiconductor (TI)

  54ACTQ16646 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ16646 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DE-
VICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMI-
CONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or sys-
tems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose fail-
ure to perform when properly used in accordance
with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury
to the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
www.national.com
National Semiconductor
Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 1 80-530 85 85
English
Tel: +49 (0) 1 80-532 78 32
Français Tel: +49 (0) 1 80-532 93 58
Italiano
Tel: +49 (0) 1 80-534 16 80
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: sea.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5620-6175
Fax: 81-3-5620-6179
56-Lead CERPAK
NS Package Number WA56A
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


同様の部品番号 - 54ACTQ16646

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240F NSC-54ACTQ16240F Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16244 NSC-54ACTQ16244 Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16244F NSC-54ACTQ16244F Datasheet
74Kb / 6P
   16-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
More results

同様の説明 - 54ACTQ16646

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54F646 NSC-54F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
logo
Texas Instruments
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
[Old version datasheet]   54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74LVT16652 NSC-74LVT16652 Datasheet
104Kb / 6P
   3.3V ABT 16-Bit Transceiver/Register with TRI-STATEÉ Outputs
October 1995
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com