データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1105-200ITD833 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 TS1105-200ITD833
部品情報  Power Management Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1105-200ITD833 データシート(HTML) 9 Page - Silicon Laboratories

Back Button TS1105-200ITD833 Datasheet HTML 5Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 6Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 7Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 8Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 9Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 10Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 11Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 12Page - Silicon Laboratories TS1105-200ITD833 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Sign Comparator Parameters (TS1106 Only)
Output Low Voltage
VSIGN_OL
ISINK = 35 µA
0.2
V
Output High Voltage
VSIGN_OH
ISOURCE = 35 µA
VDD – 0.2
V
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V. TA = TJ = –40 °C to +85 °C unless otherwise
noted. Typical values are at TA = +25 °C.
2. Extrapolated to VOUT = VFILT. IRS+ + IRS– is the total current into the RS+ and the RS– pins.
3. Input offset voltage VOS is extrapolated from a VOUT(+) measurement with VSENSE set to +1 mV and a VOUT(–) measurement with
VSENSE set to –1 mV; Average VOS = (VOUT(–) – VOUT(+))/(2 x GAIN).
4. Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
5. Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the ideal transfer
characteristic. TS1105 only applies positive VSENSE values. For GAIN = 20 V/V, the applied VSENSE for GE± is ±25 mV and ±60
mV. For GAIN = 200 V/V, the applied VSENSE for GE± is ±2.5 mV and ±6 mV.
Table 3.3. AC Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CSA Buffer
Output Settling
time
tOUT_s
1% Final value,
VOUT = 1.3 V
Gain = 20 V/V
1.35
msec
Sign Comparator Parameters (TS1106 Only)
Propagation
Delay
tSIGN_PD
VSENSE = ±1 mV
3
msec
VSENSE = ±10 mV
0.4
msec
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V. TA = TJ = –40 °C to +85 °C unless otherwise
noted. Typical values are at TA = +25 °C.
Table 3.4. Thermal Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Tempera-
ture Range
TOP
–40
+85
°C
TS1105/06 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


同様の部品番号 - TS1105-200ITD833

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

同様の説明 - TS1105-200ITD833

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS1107 SILABS-TS1107 Datasheet
1Mb / 22P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com