データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1109-20IDT833 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 TS1109-20IDT833
部品情報  Overcurrent and Undercurrent Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1109-20IDT833 データシート(HTML) 6 Page - Silicon Laboratories

Back Button TS1109-20IDT833 Datasheet HTML 2Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 3Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 4Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 5Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 6Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 7Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 8Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 9Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2.4.2 VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
Although the Current Sense Amplifier draws its power from the voltage at its RS+ and RS– terminals, the signal voltage at the OUT
terminal is provided by a buffer, and is therefore bounded by the buffer’s output range. As shown in the Electrical Characteristics table,
the CSA Buffer has a maximum and minimum output voltage of:
VOUT (max ) = VDD(min ) − 0.2V
VOUT (min ) = 0.2V
Therefore, the full-scale sense voltage should be chosen so that the OUT voltage is neither greater nor less than the maximum and
minimum output voltage defined above. To satisfy this requirement, the positive full-scale sense voltage, VSENSE(pos_max), should be
chosen so that:
VSENSE(pos_max ) <
VBIAS − VOUT (min )
GAIN
Likewise, the negative full-scale sense voltage, VSENSE(neg_min), should be chosen so that:
VSENSE(neg_min ) <
VOUT (max ) − VBIAS
GAIN
For best performance, RSENSE should be chosen so that the full-scale VSENSE is less than ±75 mV.
2.4.3 Total Load Current Accuracy
In the TS1109’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a) the
TS1109 CSA’s input offset voltage (VOS(max) = 150 µV), b) the TS1109 CSA’s gain error (GE(max) = 1%). An expression for the
TS1109’s total error is given by:
VOUT = VBIAS − GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.4.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1109 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
2.4.5 RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large load currents, parasitic pcb track resistance should be minimized. Kelvin-sense
pcb connections between RSENSE and the TS1109’s RS+ and RS– terminals are strongly recommended. The drawing below illustrates
the connections between the current-sense amplifier and the current-sense resistor. The pcb layout should be balanced and symmetri-
cal to minimize wiring-induced errors. In addition, the pcb layout for RSENSE should include good thermal management techniques for
optimal RSENSE power dissipation.
Figure 2.3. Making PCB Connections to RSENSE
TS1109 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


同様の部品番号 - TS1109-20IDT833

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

同様の説明 - TS1109-20IDT833

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
EMD-SL-C-UC-10 PHOENIX-EMD-SL-C-UC-10 Datasheet
145Kb / 6P
   Undercurrent monitoring
logo
Maxim Integrated Produc...
MAX16550EVKIT MAXIM-MAX16550EVKIT Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
logo
Rohm
BV1HALA5EFJ ROHM-BV1HALA5EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
15.May.2020 Rev.001
BV1HAL85EFJ ROHM-BV1HAL85EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
11.May.2020 Rev.001
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com