データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3300ITQ1633 データシート(PDF) 3 Page - Silicon Laboratories

部品番号 TS3300ITQ1633
部品情報  High-Efficiency Boost Output Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3300ITQ1633 データシート(HTML) 3 Page - Silicon Laboratories

  TS3300ITQ1633 Datasheet HTML 1Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS3300ITQ1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS3300
TS3300 Rev. 1.0
Page 3
ELECTRICAL CHARACTERISTICS
VBI = 1.2V, VBO = 3V, VBEN = GND, IBO= 20mA, L = 10µH, CBI=CBO = 22µF unless otherwise noted. Values are at TA = -40°C to +85°C unless
otherwise specified. Typical values are at TA=+25°C unless otherwise specified. Please see Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Boost
Voltage
VBI_MIN
IBO = 0mA. TA=25ºC
0.6
0.75
V
Maximum Input Boost
Voltage
VBI_MAX
Guaranteed by design
3
V
Output Boost Voltage
Range
VBO
1.8
3.6
V
No-Load Input Current
IQ
See Note 2.
@ BO
3.5
µA
@ BI
0.07
-40°C<TA<+85°C
See Note 2.
@ BO
6
@ BI
0.9
Active-Mode
See Note 3.
@ BI
10.8
Output Load-Switch
Supply Current
IREGIN
IREGOUT = 0mA, VREG EN = VREGIN
0.4
1
µA
Boost Shutdown Supply
Current
ISHUTDOWN
VBEN = VBI
TA =25°C
@ BI
100
nA
Boost Feedback Voltage
during operation
VBO FB
Output voltage accuracy: ±4%
0.489
0.505
0.521
V
Anti-Crush Feedback
Voltage
VBI FB
VBI ≥ 0.6V
0.363
0.392
0.425
V
Anti-Crush Feedback
Voltage Hysteresis
VBI FB_HYST
50
mV
Inductor Peak Current
IPK
IBO=0mA
365
mA
Inductor Valley Current
IV
10
mA
On
Resistance
NMOS
RON
NMOS
0.27
PMOS
RON
PMOS
0.48
LOAD
SWITCH
RON
LOAD SWITCH
Measured from REGIN to
REGOUT. See Note 4.
0.9
1.2
Boost Enable Threshold
VBEN
VIL
0.2
V
VIH
VBI - 0.05
V
Boost Enable Hysteresis
VBEN_HYST
200
mV
Output Load Switch
Enable Threshold
VREG EN
VIL (CMOS logic)
0.2 x VREGIN
V
VIH (CMOS logic)
0.8 x VREGIN
Output Load Switch
Enable Hysteresis
VREG EN_HYST
100
mV
BO FB Input Leakage
Current
IBO FB
±0.1
±1
nA
REGEN Input Leakage
Current
IREG EN
10
REGFB Input Leakage
Current
IREG FB
±0.1
±1
Note 1: All devices are 100% production tested at TA=+25°C and are guaranteed by characterization for TA=-40°C to +85°C, as specified.
Note 2: IBO=0mA, VBO FB=0.6V.
Note 3: Boost Only Circuit configuration. IBO=0mA. VBI FB=VBI. VBI=1.2V. VBO=3V.
Note 4: VSW EN=VREGIN=VBO. VREG EN=GND.


同様の部品番号 - TS3300ITQ1633

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3300ITQ1633T TOUCHSTONE-TS3300ITQ1633T Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
TS3300ITQ1633TP TOUCHSTONE-TS3300ITQ1633TP Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
More results

同様の説明 - TS3300ITQ1633

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM5180 HMSEMI-HM5180 Datasheet
624Kb / 6P
   60W output synchronous high efficiency boost chip
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
logo
Vincotech
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com