データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS6001 データシート(PDF) 11 Page - Silicon Laboratories

部品番号 TS6001
部品情報  Improved Electrical Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001 データシート(HTML) 11 Page - Silicon Laboratories

Back Button TS6001 Datasheet HTML 5Page - Silicon Laboratories TS6001 Datasheet HTML 6Page - Silicon Laboratories TS6001 Datasheet HTML 7Page - Silicon Laboratories TS6001 Datasheet HTML 8Page - Silicon Laboratories TS6001 Datasheet HTML 9Page - Silicon Laboratories TS6001 Datasheet HTML 10Page - Silicon Laboratories TS6001 Datasheet HTML 11Page - Silicon Laboratories TS6001 Datasheet HTML 12Page - Silicon Laboratories TS6001 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS6001
TS6001 Rev. 1.0
Page 11
Generating Positive and Negative Low-Power
Voltage References
The circuit in Figure 8 uses a CD4049 hex inverter
and a few external capacitors as the power supply to
a dual-supply precision op amp to form a ±2.5V
precision, bipolar output voltage reference around
the TS6001. The CD4049-based circuit is a discrete
charge pump voltage doubler/inverter that generates
±6V supplies for any precision, micropower op amp
with VOS and TCVOS specifications consistent with
the TS6001’s initial accuracy and output voltage drift
performance.
Figure 8: Generating Positive and Negative 2.5V References from a Single +3V or +5V
Supply.


同様の部品番号 - TS6001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS6001A TOUCHSTONE-TS6001A Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

同様の説明 - TS6001

メーカー部品番号データシート部品情報
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Keysight Technologies
N5392C KEYSIGHT-N5392C Datasheet
1Mb / 15P
   Electrical Performance Validation
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Agilent(Hewlett-Packard...
N5392A HP-N5392A Datasheet
1Mb / 14P
   Ethernet Electrical Performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com