データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS7001 データシート(PDF) 4 Page - Silicon Laboratories

部品番号 TS7001
部品情報  A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7001 データシート(HTML) 4 Page - Silicon Laboratories

  TS7001 Datasheet HTML 1Page - Silicon Laboratories TS7001 Datasheet HTML 2Page - Silicon Laboratories TS7001 Datasheet HTML 3Page - Silicon Laboratories TS7001 Datasheet HTML 4Page - Silicon Laboratories TS7001 Datasheet HTML 5Page - Silicon Laboratories TS7001 Datasheet HTML 6Page - Silicon Laboratories TS7001 Datasheet HTML 7Page - Silicon Laboratories TS7001 Datasheet HTML 8Page - Silicon Laboratories TS7001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TS7001
Page 4
TS7001 Rev. 1.0
ELECTRICAL SPECIFICATIONS (continued)
VDD = +2.7V to +3.6V; VREF = 2.5V External/internal reference unless otherwise noted; fSCLK = 3 MHz;
TA = TMIN to TMAX, unless otherwise noted.
Parameter
Limit1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+2.7/+3.6
V (min/max)
IDD
Normal Mode4 (PM Mode 2)
Static
0.6
mA (max)
Operational (fSAMPLE = 187.5 ksps)
0.85
mA (typ)
Internal reference enabled
0.7
mA (typ)
Internal reference disabled
Using Standby Mode (PM Mode 4)
0.45
mA (typ)
fSAMPLE = 50 ksps
Using Shutdown Mode
(PM Modes 1 and 3)
0.12
mA (typ)
fSAMPLE = 10 ksps
0.012
mA (typ)
fSAMPLE = 1 ksps
Standby Mode5
0.21
mA (max)
VDD = 2.7V to 3.6V
Shutdown Mode5
1
μA (max)
VDD = 2.7V to 3.6V
Normal Mode Power Dissipation
2.1
mW (max)
VDD = 3 V
Shutdown Power Dissipation
3
μW (max)
VDD = 3 V
Standby Power Dissipation
0.63
mW (max)
VDD = 3 V
Note 1: The TS7001’s temperature range is –40
°C to +85°C.
Note 2: SNR calculation includes distortion and noise components.
Note 3: Sample tested at TA = 25°C to ensure compliance.
Note 4: All digital inputs at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs are connected to GND.
Note 5: SCLK is at GND when SCLK is off. All digital inputs are at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs
are connected to GND.


同様の部品番号 - TS7001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8T TOUCHSTONE-TS7001IM8T Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TS7001IM8TP TOUCHSTONE-TS7001IM8TP Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
More results

同様の説明 - TS7001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
logo
STMicroelectronics
ADC1283 STMICROELECTRONICS-ADC1283 Datasheet
782Kb / 24P
   8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
Rev 1 - March 2022
logo
Maxim Integrated Produc...
MAXSPCSPARTAN6 MAXIM-MAXSPCSPARTAN6 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com