データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS7003 データシート(PDF) 10 Page - Silicon Laboratories

部品番号 TS7003
部品情報  A 300ksps, Single-supply, 12-Bit Serial-output ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS7003 データシート(HTML) 10 Page - Silicon Laboratories

Back Button TS7003 Datasheet HTML 6Page - Silicon Laboratories TS7003 Datasheet HTML 7Page - Silicon Laboratories TS7003 Datasheet HTML 8Page - Silicon Laboratories TS7003 Datasheet HTML 9Page - Silicon Laboratories TS7003 Datasheet HTML 10Page - Silicon Laboratories TS7003 Datasheet HTML 11Page - Silicon Laboratories TS7003 Datasheet HTML 12Page - Silicon Laboratories TS7003 Datasheet HTML 13Page - Silicon Laboratories TS7003 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TS7003
Page 10
TS7003 Rev. 1.0
Figure 6: TS7003 Shutdown Operation.
Using the ADC’s SHDN to Reduce Operating
Supply Current
Power consumption can be reduced significantly by
turning off the TS7003 in between conversions.
Figure 5 illustrates the TS7003’s average supply
current versus conversion rate. The wake-up delay
time (tWAKE) is the time from when the SHDN pin is
deasserted to the time when a conversion may be
initiated (Refer to Figure 6). This delay time depends
on how long the ADC was in shutdown (Refer to
Figure 7) because the external 4.7
μF reference
bypass
capacitor
is
discharged
slowly
when
SHDN = 0.
Timing and Control Details
The CS and SCLK digital inputs control the TS7003’s
conversion-start
and
data-read
operations.
The
ADC’s serial-interface operations are illustrated in
Figures 8 and 9.
A CS high-to-low transition initiates the conversion
sequence - the input track-and-hold samples the input
signal level, the ADC begins to convert, and the
DOUT pin changes state from high impedance to
logic low. The external SCLK signal is used to drive
the conversion process and is also used to transfer
the converted data out of the ADC as each bit of
conversion is determined.
The SCLK signal transfers data after a low-to-high
transition of the third (3rd) SCLK pulse. After each
subsequent SCLK rising edge, transitions on the
DOUT pin occur in 20ns. The third rising clock edge
produces the MSB of the conversion at DOUT,
followed by the remaining bits. Since there are twelve
data bits and three leading zeros, at least fifteen
rising clock edges are needed to transfer the entire
data stream. Extra SCLK pulses occurring after the
conversion result has been completely transferred out
and, before to a new, low-to-high transition on CS,
produce a string trailing zeros at DOUT. In addition,
the extra SCLK pulses have no effect on converter
operation.
Minimum conversion cycle time can be accomplished
by: (a) toggling the CS pin high after reading the
conversion result’s LSB; and (b), after the specified
minimum time defined by tCS has elapsed, toggling
the CS pin low again to initiate the next conversion.
Output Data Coding and Transfer Function
Conversion results at the TS7003’s DOUT pin are
straight binary data. Figure 10 illustrates the nominal
transfer function where code transitions occur halfway
between
successive
integer
LSB
values.
If
VREF = +2.500V, then 1 LSB = 610
μV or 2.500V/4096.
CONVERSION RATE - ksps
VDD = 3V
DOUT = FS
RL = ∞
CL = 10pF
100
10
1
0.1
0.1
1
100
1k
10
1k
Figure 5: TS7003 Supply Current vs Conversion Rate


同様の部品番号 - TS7003

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003 TOUCHSTONE-TS7003 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003ITD833TP TOUCHSTONE-TS7003ITD833TP Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

同様の説明 - TS7003

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com