データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12001 データシート(PDF) 7 Page - Silicon Laboratories

部品番号 TS12001
部品情報  Nanopower Voltage Detector with Dual Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12001 データシート(HTML) 7 Page - Silicon Laboratories

Back Button TS12001 Datasheet HTML 3Page - Silicon Laboratories TS12001 Datasheet HTML 4Page - Silicon Laboratories TS12001 Datasheet HTML 5Page - Silicon Laboratories TS12001 Datasheet HTML 6Page - Silicon Laboratories TS12001 Datasheet HTML 7Page - Silicon Laboratories TS12001 Datasheet HTML 8Page - Silicon Laboratories TS12001 Datasheet HTML 9Page - Silicon Laboratories TS12001 Datasheet HTML 10Page - Silicon Laboratories TS12001 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS12001
TS12001 Rev. 1.0
Page 7
BLOCK DIAGRAM
THEORY OF OPERATION
The TS12001 combines a 0.58V ±4.5% reference
and
an
analog
comparator
with
a
resettable
comparator latch in a single package. The TS12001
operates from a single 0.65V to 2.5V power supply
and consumes less than 1µA total supply current.
The TS12001 comparator has a push-pull and open-
drain output driver. The push-pull output driver is
powered from a separate supply voltage, OVDD. The
open-drain output stage allows for easy output
voltage level translation as may be required when
driving systems powered with a different power
supply rail. The analog comparator exhibits ±10mV of
internal hysteresis for clean, chatter-free output
switching. The internal reference was designed to
sink or source up to 0.1µA load currents.
The TS12001 has a preset UVLO threshold voltage
of 0.78V (typ) or can be set to other threshold
voltages with two external resistors where the divided
voltage is applied to the SET pin. When the SET pin
voltage is grounded or it is less than approximately
90mV, the internal preset UVLO threshold circuit will
control the comparator outputs. If the SET pin is
above approximately 90mV, the external voltage
divider circuit will control the comparator outputs. The
0.58V reference voltage is tied to the inverting input
of the comparator and the output of a switch is
connected
to
the
non-inverting
input
of
the
comparator. The output of the switch is either the
SET voltage or the internal UVLO threshold voltage,
depending on whether the SET pin voltage is above
or below approximately 90mV. If the switch output is
above 0.58V, the push-pull output (COUTPP) will be
HIGH and the open-drain output (COUTOD) will be
LOW and vice versa. For proper operation, the
supply voltage VIN must be applied before the output
driver supply voltage (OVDD) is applied.
The TS12001 has a latch enable pin (LHDET) that


同様の部品番号 - TS12001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C017 SEMTECH-TS12001-C017 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C021 SEMTECH-TS12001-C021 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
More results

同様の説明 - TS12001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Texas Instruments
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com